Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4341 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS4341
Description  24-Bit, 96 kHz Stereo DAC with Volume Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4341 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS4341_05 Datasheet HTML 23Page - Cirrus Logic CS4341_05 Datasheet HTML 24Page - Cirrus Logic CS4341_05 Datasheet HTML 25Page - Cirrus Logic CS4341_05 Datasheet HTML 26Page - Cirrus Logic CS4341_05 Datasheet HTML 27Page - Cirrus Logic CS4341_05 Datasheet HTML 28Page - Cirrus Logic CS4341_05 Datasheet HTML 29Page - Cirrus Logic CS4341_05 Datasheet HTML 30Page - Cirrus Logic CS4341_05 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
CS4341
DS298F5
27
6.3
TRANSITION AND MIXING CONTROL (ADDRESS 02H)
6.3.1 CHANNEL A VOLUME = CHANNEL B VOLUME (A = B) BIT 7
Default = 0
0 - Disabled
1 - Enabled
Function:
The AOUTA and AOUTB volume levels are independently controlled by the A and the B Channel Vol-
ume Control Bytes when this function is disabled. The volume on both AOUTA and AOUTB are de-
termined by the A Channel Volume Control Byte and the B Channel Byte is ignored when this function
is enabled.
6.3.2 SOFT RAMP AND ZERO CROSS CONTROL (SZCX) BIT 5-6
Default = 10
00 - Immediate Changes
01 - Changes On Zero Crossings
10 - Soft Ramped Changes
11 - Soft Ramped Changes On Zero Crossings
Function:
Immediate Changes
When Immediate Changes is selected all level changes will take effect immediately in one step.
Changes On Zero Crossings
Changes on Zero Crossings dictates that signal level changes, either by attenuation changes or mut-
ing, will occur on a signal zero crossing to minimize audible artifacts. The requested level change will
occur after a timeout period between 512 and 1024 sample periods (10.7 ms to 21.3 ms at 48 kHz
sample rate) if the signal does not encounter a zero crossing. The zero cross function is independent-
ly monitored and implemented for each channel.
Soft Ramped Changes
Soft Ramped Changes allows level changes, both muting and attenuation, to be implemented by in-
crementally ramping, in 1/8 dB steps, from the current level to the new level at a rate of 1dB per 8
left/right clock periods.
Soft Ramped Changes on Zero Crossings
Soft Ramped Changes On Zero Crossings dictates that signal level changes, either by attenuation
changes or muting, will occur in 1/8 dB steps implemented on a signal zero crossing. The 1/8 dB level
change will occur after a timeout period between 512 and 1024 sample periods (10.7 ms to 21.3 ms
at 48 kHz sample rate) if the signal does not encounter a zero crossing. The zero cross function is
independently monitored and implemented for each channel.
7
654
32
10
A = B
SZC1
SZC0
ATAPI4
ATAPI3
ATAPI2
ATAPI1
ATAPI0
0
100
10
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com