Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4341 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS4341
Description  24-Bit, 96 kHz Stereo DAC with Volume Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4341 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS4341_05 Datasheet HTML 6Page - Cirrus Logic CS4341_05 Datasheet HTML 7Page - Cirrus Logic CS4341_05 Datasheet HTML 8Page - Cirrus Logic CS4341_05 Datasheet HTML 9Page - Cirrus Logic CS4341_05 Datasheet HTML 10Page - Cirrus Logic CS4341_05 Datasheet HTML 11Page - Cirrus Logic CS4341_05 Datasheet HTML 12Page - Cirrus Logic CS4341_05 Datasheet HTML 13Page - Cirrus Logic CS4341_05 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
CS4341
10
DS298F5
SWITCHING SPECIFICATIONS - SERIAL AUDIO INTERFACE
Parameters
Symbol
Min
Max
Units
MCLK Frequency
1.024
51.2
MHz
MCLK Duty Cycle
45
55
%
Input Sample Rate
Single-Speed Mode
Double-Speed Mode
Fs
Fs
4
50
50
100
kHz
kHz
LRCK Duty Cycle
40
60
%
SCLK Pulse Width Low
tsclkl
20
-
ns
SCLK Pulse Width High
tsclkh
20
-
ns
SCLK Frequency
Single-Speed Mode
Double-Speed Mode
-
-
128xFs
64xFs
Hz
Hz
SCLK rising to LRCK edge delay
tslrd
20
-
ns
SCLK rising to LRCK edge setup time
tslrs
20
-
ns
SDIN valid to SCLK rising setup time
tsdlrs
20
-
ns
SCLK rising to SDIN hold time
tsdh
20
-
ns
sclkh
t
slrs
t
slrd
t
sdlrs
t
sdh
t
sclkl
t
SDATA
SCLK
LRCK
Figure 11. Serial Input Timing (External SCLK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com