Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4341 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS4341
Description  24-Bit, 96 kHz Stereo DAC with Volume Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4341 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS4341_05 Datasheet HTML 2Page - Cirrus Logic CS4341_05 Datasheet HTML 3Page - Cirrus Logic CS4341_05 Datasheet HTML 4Page - Cirrus Logic CS4341_05 Datasheet HTML 5Page - Cirrus Logic CS4341_05 Datasheet HTML 6Page - Cirrus Logic CS4341_05 Datasheet HTML 7Page - Cirrus Logic CS4341_05 Datasheet HTML 8Page - Cirrus Logic CS4341_05 Datasheet HTML 9Page - Cirrus Logic CS4341_05 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
CS4341
6
DS298F5
ANALOG CHARACTERISTICS (CS4341-KS/CZZ) (Continued)
Notes: 2. One-half LSB of triangular PDF dither is added to data.
3. Refer to Figure 2.
.
Parameters
Symbol
Min
Typ
Max
Units
Dynamic Performance for All Modes
Interchannel Isolation (1 kHz)
-
100
-
dB
DC Accuracy
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Drift
-
±100
-
ppm/°C
Analog Output Characteristics and Specifications
Full-Scale Output Voltage
0.6•VA
0.7•VA
0.8•VA
Vpp
Output Impedance
-
100
-
Minimum AC-Load Resistance
(Note 3)
RL
-3-
k
Maximum Load Capacitance
(Note 3)
CL
-
100
-
pF
AOUTx
AGND
3.3 µF
V
out
R
L
C
L
+
Figure 1. Output Test Load
100
50
75
25
2.5
510
15
Safe Operating
Region
Resistive Load -- R
(k
)
L
125
3
20
Figure 2. Maximum Loading



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com