Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4341 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS4341
Description  24-Bit, 96 kHz Stereo DAC with Volume Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4341 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS4341_05 Datasheet HTML 14Page - Cirrus Logic CS4341_05 Datasheet HTML 15Page - Cirrus Logic CS4341_05 Datasheet HTML 16Page - Cirrus Logic CS4341_05 Datasheet HTML 17Page - Cirrus Logic CS4341_05 Datasheet HTML 18Page - Cirrus Logic CS4341_05 Datasheet HTML 19Page - Cirrus Logic CS4341_05 Datasheet HTML 20Page - Cirrus Logic CS4341_05 Datasheet HTML 21Page - Cirrus Logic CS4341_05 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
CS4341
18
DS298F5
4.2.2
External Serial Clock Mode
The device will enter the External Serial Clock Mode whenever 16 low to high transitions are de-
tected on the SCLK pin during any phase of the LRCK period. The device will revert to Internal
Serial Clock Mode if no low to high transitions are detected on the SCLK pin for 2 consecutive pe-
riods of LRCK.
4.3
Digital Interface Format
The device will accept audio samples in several digital interface formats. The desired format is selected
via the DIF0, DIF1 and DIF2 bits in the Mode Control register (see section 6.2.2). For an illustration of the
required relationship between LRCK, SCLK and SDATA, see Figures 17 through 19.
Input
Digital Interface Format Selection
Internal
MCLK/LRCK
Ratio
I2S up to 16 or
24 Bits
Left Justified 24
Bits
Right Justified
18, 20 or 24 Bits
Right Justified
16 Bits
SCLK/LRCK
Ratio
512, 256, 128
(Format 1)
-
-
X
32
384, 192
XX
X
X
48
512, 256, 128
(Format 0)
X
X
-
64
Table 4. Internal SCLK/LRCK Ratio
LR C K
SC L K
Left C ha nnel
R ig h t C ha n nel
SDATA
+3 +2 +1
+5 +4
MSB
-1 -2 -3 -4 -5
+3 +2 +1
+5 +4
-1 -2 -3 -4
LSB
MSB
LSB
Figure 17. CS4341 Formats 0-1 - I²S up to 24-Bit Data
LR C K
SC L K
Left C ha nnel
R ig h t C ha n nel
SDATA
+3 +2 +1
+5 +4
MSB
-1 -2 -3 -4 -5
+3 +2 +1
+5 +4
-1 -2 -3 -4
LSB
MSB
LSB
Figure 18. CS4341 Format 2 - Left Justified up to 24-Bit Data
LRCK
SCLK
Left C hannel
SDATA
+6 +5 +4 +3 +2 +1
+7
-1 -2 -3 -4 -5
LSB
R ight Cha nnel
MSB
LSB
+6 +5 +4 +3 +2 +1
+7
-1 -2 -3 -4 -5
MSB
LSB
Figure 19. CS4341 Formats 3-6 - Right Justified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com