Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4341 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4341
Description  24-Bit, 96 kHz Stereo DAC with Volume Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4341 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4341_05 Datasheet HTML 17Page - Cirrus Logic CS4341_05 Datasheet HTML 18Page - Cirrus Logic CS4341_05 Datasheet HTML 19Page - Cirrus Logic CS4341_05 Datasheet HTML 20Page - Cirrus Logic CS4341_05 Datasheet HTML 21Page - Cirrus Logic CS4341_05 Datasheet HTML 22Page - Cirrus Logic CS4341_05 Datasheet HTML 23Page - Cirrus Logic CS4341_05 Datasheet HTML 24Page - Cirrus Logic CS4341_05 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
CS4341
DS298F5
21
4.9.1
Rise Time for Control Port Clock
When excess capacitive loading is present on the I²C clock line, pin 6 (SCL/CCLK) may not have
sufficient hysteresis to meet the standard I²C rise time specification. This prevents the use of com-
mon I²C configurations with a resistor pull-up. A workaround is achieved by placing a Schmitt Trig-
ger buffer, a 74HC14 for example, on the SCL line just prior to the CS4341. This will not affect the
operation of the I²C bus as pin 6 is an input only.
4.9.2
Memory Address Pointer (MAP)
The MAP byte precedes the control port register byte during a write operation and is not available
again until after a start condition is initiated. During a read operation the byte transmitted after the
ACK will contain the data of the register pointed to by the MAP (see section 4.9.3 for write/read
details).
4.9.2a
INCR (Auto Map Increment)
The device has a MAP auto increment capability enabled by the INCR bit (the MSB) of the MAP.
If INCR is set to 0, MAP will stay constant for successive I²C writes or reads and SPI writes. If INCR
is set to 1, MAP will auto increment after each byte is written, allowing block reads or writes of suc-
cessive registers.
Default = ‘0’
0 - Disabled
1 - Enabled
4.9.2b
MAP0-3 (Memory Address Pointer)
Default = ‘0000’
4.9.3
I²C Mode
In the I²C Mode, data is clocked into and out of the bi-directional serial control data line, SDA, by
the serial control port clock, SCL. There is no CS pin. Pin AD0 enables the user to alter the chip
address (001000[AD0][R/W]) and should be tied to VA or AGND as required, before powering up
the device. If the device ever detects a high to low transition on the AD0/CS pin after power-up,
SPI mode will be selected.
7
654
32
10
INCR
Reserved
Reserved
Reserved
MAP3
MAP2
MAP1
MAP0
0
000
00
00
Pin 6
VA
SC L
Figure 21. I²C Buffer Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com