Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4341 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS4341
Description  24-Bit, 96 kHz Stereo DAC with Volume Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4341 Datasheet(HTML) 2 Page - Cirrus Logic

  CS4341_05 Datasheet HTML 1Page - Cirrus Logic CS4341_05 Datasheet HTML 2Page - Cirrus Logic CS4341_05 Datasheet HTML 3Page - Cirrus Logic CS4341_05 Datasheet HTML 4Page - Cirrus Logic CS4341_05 Datasheet HTML 5Page - Cirrus Logic CS4341_05 Datasheet HTML 6Page - Cirrus Logic CS4341_05 Datasheet HTML 7Page - Cirrus Logic CS4341_05 Datasheet HTML 8Page - Cirrus Logic CS4341_05 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
CS4341
2
DS298F5
TABLE OF CONTENTS
1. CHARACTERISTICS AND SPECIFICATIONS ..................................................................................... 4
SPECIFIED OPERATING CONDITIONS .............................................................................................. 4
ABSOLUTE MAXIMUM RATINGS ........................................................................................................4
ANALOG CHARACTERISTICS (CS4341-KS/CZZ)............................................................................... 5
COMBINED INTERPOLATION & ON-CHIP ANALOG FILTER RESPONSE........................................ 7
SWITCHING SPECIFICATIONS - SERIAL AUDIO INTERFACE........................................................ 10
SWITCHING CHARACTERISTICS - INTERNAL SERIAL CLOCK ..................................................... 11
SWITCHING CHARACTERISTICS - CONTROL PORT INTERFACE (I²C®) ..................................... 12
SWITCHING CHARACTERISTICS - CONTROL PORT INTERFACE (SPI™) ................................... 13
DC ELECTRICAL CHARACTERISTICS.............................................................................................. 14
DIGITAL INPUT CHARACTERISTICS ................................................................................................ 14
DIGITAL INTERFACE SPECIFICATIONS........................................................................................... 14
2. PIN DESCRIPTION ............................................................................................................................. 15
3. TYPICAL CONNECTION DIAGRAM ................................................................................................. 16
4. APPLICATIONS ................................................................................................................................... 17
4.1 Sample Rate Range/Operational Mode ........................................................................................ 17
4.2 System Clocking ........................................................................................................................... 17
4.2.1 Internal Serial Clock Mode ...............................................................................................17
4.2.2 External Serial Clock Mode .............................................................................................. 18
4.3 Digital Interface Format ................................................................................................................. 18
4.4 De-Emphasis ................................................................................................................................ 19
4.5 Power-Up Sequence .................................................................................................................... 19
4.6 Popguard® Transient Control ........................................................................................................ 19
4.6.1 Power-Up ......................................................................................................................... 19
4.6.2 Power-Down ..................................................................................................................... 20
4.6.3 Discharge Time ................................................................................................................ 20
4.7 Mute Control ................................................................................................................................. 20
4.8 Grounding and Power Supply Arrangements ............................................................................... 20
4.9 Control Port Interface .................................................................................................................... 20
4.9.1 Rise Time for Control Port Clock ...................................................................................... 21
4.9.2 Memory Address Pointer (MAP) ...................................................................................... 21
4.9.2a INCR (Auto Map Increment) .............................................................................. 21
4.9.2b MAP0-3 (Memory Address Pointer) .................................................................. 21
4.9.3 I²C Mode .......................................................................................................................... 21
4.9.3a I²C Write ............................................................................................................ 22
4.9.3b I²C Read ............................................................................................................ 22
4.9.4 SPI Mode ......................................................................................................................... 23
4.9.4a SPI Write ........................................................................................................... 23
5. REGISTER QUICK REFERENCE ....................................................................................................... 24
6. REGISTER DESCRIPTION ................................................................................................................. 25
6.1 MCLK Control (address 00h) ......................................................................................................... 25
6.2 Mode Control (address 01h) .......................................................................................................... 25
6.3 Transition and Mixing Control (address 02h) .................................................................................27
6.4 Channel A Volume Control (address 03h) ..................................................................................... 29
6.5 Channel B Volume Control (address 04h) ..................................................................................... 29
7. PARAMETER DEFINITIONS ............................................................................................................... 31
8. PACKAGE DIMENSIONS .................................................................................................................... 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com