Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4341 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS4341
Description  24-Bit, 96 kHz Stereo DAC with Volume Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4341 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS4341_05 Datasheet HTML 22Page - Cirrus Logic CS4341_05 Datasheet HTML 23Page - Cirrus Logic CS4341_05 Datasheet HTML 24Page - Cirrus Logic CS4341_05 Datasheet HTML 25Page - Cirrus Logic CS4341_05 Datasheet HTML 26Page - Cirrus Logic CS4341_05 Datasheet HTML 27Page - Cirrus Logic CS4341_05 Datasheet HTML 28Page - Cirrus Logic CS4341_05 Datasheet HTML 29Page - Cirrus Logic CS4341_05 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
CS4341
26
DS298F5
6.2.2 DIGITAL INTERFACE FORMAT (DIF) BIT 4-6
Default = 000 - Format 0 (I²S, up to 24-bit data, 64 x Fs Internal SCLK)
Function:
The required relationship between the Left/Right clock, serial clock and serial data is defined by the
Digital Interface Format and the options are detailed in Figures 17 through 19.
6.2.3 DE-EMPHASIS CONTROL (DEM) BIT 2-3
Default = 00
00 - Disabled
01 - 44.1 kHz
10 - 48 kHz
11 - 32 kHz
Function:
Implementation of the standard 15
µs/50µs digital de-emphasis filter response, Figure 20, requires re-
configuration of the digital filter to maintain the proper filter response for 32, 44.1 or 48 kHz sample
rates.
NOTE: De-emphasis is only available in Single-Speed Mode.
6.2.4 POPGUARD® TRANSIENT CONTROL (POR) BIT 1
Default = 1
0 - Disabled
1 - Enabled
Function:
The Popguard® Transient Control allows the quiescent voltage to slowly ramp to and from 0 volts to
the quiescent voltage during power-on or power-down. Please refer to section 4.6 for implementation
details.
6.2.5 POWER DOWN (PDN) BIT 0
Default = 1
0 - Disabled
1 - Enabled
Function:
The device will enter a low-power state when this function is enabled. The power-down bit defaults to
‘enabled’ on power-up and must be disabled before normal operation can occur. The contents of the
control registers are retained in this mode.
DIF2
DIF1
DIF0
DESCRIPTION
Format
FIGURE
0
0
0
I²S, up to 24-bit data, 64Fs Internal SCLK
0
17
0
0
1
I²S, up to 16-bit data, 32Fs Internal SCLK
1
17
0
1
0
Left Justified, up to 24-bit data,
2
18
0
1
1
Right Justified, 24-bit data
3
19
1
0
0
Right Justified, 20-bit data
4
19
1
0
1
Right Justified, 16-bit data
5
19
1
1
0
Right Justified, 18-bit data
6
19
1
1
1
Identical to Format 1
1
17
Table 5. Digital Interface Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com