Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4341 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS4341
Description  24-Bit, 96 kHz Stereo DAC with Volume Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4341 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS4341_05 Datasheet HTML 24Page - Cirrus Logic CS4341_05 Datasheet HTML 25Page - Cirrus Logic CS4341_05 Datasheet HTML 26Page - Cirrus Logic CS4341_05 Datasheet HTML 27Page - Cirrus Logic CS4341_05 Datasheet HTML 28Page - Cirrus Logic CS4341_05 Datasheet HTML 29Page - Cirrus Logic CS4341_05 Datasheet HTML 30Page - Cirrus Logic CS4341_05 Datasheet HTML 31Page - Cirrus Logic CS4341_05 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
CS4341
28
DS298F5
6.3.3 ATAPI CHANNEL MIXING AND MUTING (ATAPI) BIT 0-4
Default = 01001 - AOUTA = Left Channel, AOUTB = Right Channel (Stereo)
Function:
The CS4341 implements the channel mixing functions of the ATAPI CD-ROM specification. Refer to
Table 6 and Figure 25 for additional information.
ATAPI4
ATAPI3
ATAPI2
ATAPI1
ATAPI0
AOUTA
AOUTB
0
000
0
MUTE
MUTE
0
000
1
MUTE
bR
0
001
0
MUTE
bL
0
001
1
MUTE
b[(L+R)/2]
0
010
0
aR
MUTE
0
010
1
aR
bR
0
011
0
aR
bL
0
011
1
aR
b[(L+R)/2]
0
100
0
aL
MUTE
0
100
1
aL
bR
0
101
0
aL
bL
0
101
1
aL
b[(L+R)/2]
0
1
1
0
0
a[(L+R)/2]
MUTE
0
1
1
0
1
a[(L+R)/2]
bR
0
1
1
1
0
a[(L+R)/2]
bL
0
1
1
1
1
a[(L+R)/2]
b[(L+R)/2]
1
000
0
MUTE
MUTE
1
000
1
MUTE
bR
1
001
0
MUTE
bL
1
001
1
MUTE
bL/2
1
010
0
aR
MUTE
1
010
1
aR
bR
1
011
0
aR
bL
1
011
1
aR
[(aR+bL)/2]
1
100
0
aL
MUTE
1
100
1
aL
bR
1
101
0
aL
bL
1
1
0
1
1
aL
[(aL+bR)/2]
1
110
0
aL/2
MUTE
1
1
1
0
1
[(aL+bR)/2]
bR
1
1
1
1
0
[(bL+aR)/2]
bL
1
1
1
1
1
[(aL+bR)/2]
[(aL+bR)/2]
Table 6. ATAPI Decode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com