Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4341 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS4341
Description  24-Bit, 96 kHz Stereo DAC with Volume Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4341 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS4341_05 Datasheet HTML 19Page - Cirrus Logic CS4341_05 Datasheet HTML 20Page - Cirrus Logic CS4341_05 Datasheet HTML 21Page - Cirrus Logic CS4341_05 Datasheet HTML 22Page - Cirrus Logic CS4341_05 Datasheet HTML 23Page - Cirrus Logic CS4341_05 Datasheet HTML 24Page - Cirrus Logic CS4341_05 Datasheet HTML 25Page - Cirrus Logic CS4341_05 Datasheet HTML 26Page - Cirrus Logic CS4341_05 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
CS4341
DS298F5
23
4.9.4
SPI Mode
In SPI mode, data is clocked into the serial control data line, CDIN, by the serial control port clock,
CCLK (see Figure 24 for the clock to data relationship). There is no AD0 pin. Pin CS is the chip
select signal and is used to control SPI writes to the control port. When the device detects a high
to low transition on the AD0/CS pin after power-up, SPI mode will be selected. All signals are inputs
and data is clocked in on the rising edge of CCLK.
4.9.4a
SPI Write
To write to the device, follow the procedure below while adhering to the control port Switching
Specifications in section 1.
1)
Bring CS low.
2)
The address byte on the CDIN pin must then be 00100000.
3)
Write to the memory address pointer, MAP. This byte points to the register to be written.
4)
Write the desired data to the register pointed to by the MAP.
5)
If the INCR bit (see section 4.9.2a) is set to 1, repeat the previous step until all the desired
registers are written, then bring CS high.
6)
If the INCR bit is set to 0 and further SPI writes to other registers are desired, it is necessary
to bring CS high, and repeat the procedure detailed from step 1. If no further writes to other
registers are desired, bring CS high.
SD A
SC L
001000
AD0
W
Sta rt
ACK
MAP
1-8
ACK
001000
AD0
R
Repeated START
or
Aborted W RITE
ACK
Data 1-8
(pointed to by MAP)
Data 1-8
(pointed to by MAP)
ACK
Stop
Figure 23. I²C Read
MAP
MSB
LSB
DATA
byte 1
byte n
R/W
MAP = Memory Address Pointer
ADDRESS
CHIP
CDIN
CCLK
CS
0010000
Figure 24. Control Port Timing, SPI Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com