Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4341 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS4341
Description  24-Bit, 96 kHz Stereo DAC with Volume Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4341 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS4341_05 Datasheet HTML 20Page - Cirrus Logic CS4341_05 Datasheet HTML 21Page - Cirrus Logic CS4341_05 Datasheet HTML 22Page - Cirrus Logic CS4341_05 Datasheet HTML 23Page - Cirrus Logic CS4341_05 Datasheet HTML 24Page - Cirrus Logic CS4341_05 Datasheet HTML 25Page - Cirrus Logic CS4341_05 Datasheet HTML 26Page - Cirrus Logic CS4341_05 Datasheet HTML 27Page - Cirrus Logic CS4341_05 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
CS4341
24
DS298F5
5. REGISTER QUICK REFERENCE
Addr
Function
7
6
5
4
3
2
1
0
0h
MCLK Control
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
MCLKDIV
Reserved
DEFAULT
0
000
000
0
1h
Mode Control 2
AMUTE
DIF2
DIF1
DIF0
DEM1
DEM1
POR
PDN
DEFAULT
1
000
001
1
2h
Transition and Mixing
Control
A = B
SCZ1
SCZ0
ATAPI4
ATAPI3
ATAPI2
ATAPI1
ATAPI0
DEFAULT
0
000
000
0
3h
Channel A Volume
Control
MUTEA
VOLA6
VOLA5
VOLA4
VOLA3
VOLA2
VOLA1
VOLA0
DEFAULT
0
000
000
0
4h
Channel B Volume
Control
MUTEB
VOLB6
VOLB5
VOLB4
VOLB3
VOLB2
VOLB1
VOLB0
DEFAULT
0
000
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com