Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4341 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS4341
Description  24-Bit, 96 kHz Stereo DAC with Volume Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4341 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS4341_05 Datasheet HTML 15Page - Cirrus Logic CS4341_05 Datasheet HTML 16Page - Cirrus Logic CS4341_05 Datasheet HTML 17Page - Cirrus Logic CS4341_05 Datasheet HTML 18Page - Cirrus Logic CS4341_05 Datasheet HTML 19Page - Cirrus Logic CS4341_05 Datasheet HTML 20Page - Cirrus Logic CS4341_05 Datasheet HTML 21Page - Cirrus Logic CS4341_05 Datasheet HTML 22Page - Cirrus Logic CS4341_05 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
CS4341
DS298F5
19
4.4
De-Emphasis
The device includes on-chip digital de-emphasis. The Mode Control (address 01h) bits select either the
32, 44.1 or 48 kHz de-emphasis filter. Figure 20 shows the de-emphasis curve for Fs equal to 44.1 kHz.
The frequency response of the de-emphasis curve will scale proportionally with changes in sample
rate, Fs. Please see section 6.2.3 for the desired de-emphasis control.
De-emphasis is only available in Single-Speed Mode.
4.5
Power-Up Sequence
1) Hold RST low until the power supply is stable, and the master and left/right clocks are locked to the
appropriate frequencies, as discussed in section 4.2. In this state, the control port is reset to its default
settings and VQ will remain low.
2) Bring RST high. The device will remain in a low power state with VQ low.
3) Load the desired register settings while keeping the PDN bit set to 1.
4) Set the PDN bit to 0. This will initiate the power-up sequence, which lasts approximately 50 µS when
the POR bit is set to 0. If the POR bit is set to 1, see section 4.6 for a complete description of power-
up timing.
4.6
Popguard® Transient Control
The CS4341 uses Popguard® technology to minimize the effects of output transients during power-up and
power-down. This technology, when used with external DC-blocking capacitors in series with the audio
outputs, minimizes the audio transients commonly produced by single-ended single-supply converters. It
is activated inside the DAC when RST is enabled/disabled and requires no other external control, aside
from choosing the appropriate DC-blocking capacitors.
4.6.1
Power-Up
When the device is initially powered-up, the audio outputs, AOUTL and AOUTR, are clamped to
AGND. Following a delay of approximately 1000 sample periods, each output begins to ramp to-
ward the quiescent voltage. Approximately 10,000 LRCK cycles later, the outputs reach VQ and
audio output begins. This gradual voltage ramping allows time for the external DC-blocking capac-
itors to charge to the quiescent voltage, minimizing the power-up transient.
Gain
dB
-10dB
0dB
Frequency
T2 = 15 µs
T1=50 µs
F1
F2
3.183 kHz
10.61 kHz
Figure 20. De-Emphasis Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com