Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4341 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS4341
Description  24-Bit, 96 kHz Stereo DAC with Volume Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4341 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS4341_05 Datasheet HTML 21Page - Cirrus Logic CS4341_05 Datasheet HTML 22Page - Cirrus Logic CS4341_05 Datasheet HTML 23Page - Cirrus Logic CS4341_05 Datasheet HTML 24Page - Cirrus Logic CS4341_05 Datasheet HTML 25Page - Cirrus Logic CS4341_05 Datasheet HTML 26Page - Cirrus Logic CS4341_05 Datasheet HTML 27Page - Cirrus Logic CS4341_05 Datasheet HTML 28Page - Cirrus Logic CS4341_05 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
CS4341
DS298F5
25
6. REGISTER DESCRIPTION
NOTE: All registers are read/write in I²C Mode and write only in SPI mode, unless otherwise stated.
6.1
MCLK CONTROL (ADDRESS 00H)
6.1.1 MCLK DIVIDE-BY-2 (MCLKDIV) BIT 1
Default = 0
0 - Disabled
1 - Enabled
Function:
The MCLKDIV bit enables a circuit which divides the externally applied MCLK signal by 2.
6.2
MODE CONTROL (ADDRESS 01H)
6.2.1 AUTO-MUTE (AMUTE) BIT 7
Default = 1
0 - Disabled
1 - Enabled
Function:
The Digital-to-Analog converter output will mute following the reception of 8192 consecutive audio
samples of static 0 or -1. A single sample of non-zero data will release the mute. Detection and muting
is done independently for each channel. The quiescent voltage on the output will be retained and the
Mute Control pin will go active during the mute period. The muting function is affected, similar to vol-
ume control changes, by the Soft and Zero Cross bits in the Transition and Mixing Control (address
02h) register.
7
654
32
10
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
MCLKDIV
Reserved
0
000
00
00
7
654
32
10
AMUTE
DIF2
DIF1
DIF0
DEM1
DEM0
POR
PDN
1
000
00
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com