Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4341 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS4341
Description  24-Bit, 96 kHz Stereo DAC with Volume Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4341 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS4341_05 Datasheet HTML 7Page - Cirrus Logic CS4341_05 Datasheet HTML 8Page - Cirrus Logic CS4341_05 Datasheet HTML 9Page - Cirrus Logic CS4341_05 Datasheet HTML 10Page - Cirrus Logic CS4341_05 Datasheet HTML 11Page - Cirrus Logic CS4341_05 Datasheet HTML 12Page - Cirrus Logic CS4341_05 Datasheet HTML 13Page - Cirrus Logic CS4341_05 Datasheet HTML 14Page - Cirrus Logic CS4341_05 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
CS4341
DS298F5
11
SWITCHING CHARACTERISTICS - INTERNAL SERIAL CLOCK
Notes: 6. The Duty Cycle must be 50%
+/− 1/2 MCLK Period.
7. See section 4.2.1 for derived internal frequencies.
Parameters
Symbol
Min
Typ
Max
Units
MCLK Frequency
1.024
-
51.2
MHz
MCLK Duty Cycle
45
-
55
%
Input Sample Rate
Single-Speed Mode
Double-Speed Mode
Fs
Fs
4
50
-
-
50
100
kHz
kHz
LRCK Duty Cycle
(Note 6)
%
SCLK Period
(Note 7)
tsclkw
--
s
SCLK rising to LRCK edge
tsclkr
--
s
SDATA valid to SCLK rising setup time
tsdlrs
--
ns
SCLK rising to SDATA hold time
MCLK / LRCK = 512, 256 or 128
tsdh
--
ns
SCLK rising to SDATA hold time
MCLK / LRCK = 384 or 192
tsdh
--
ns
1
SCLK
----------------
t
sclkw
2
--------------
1
512
()Fs
----------------------10
+
1
512
()Fs
----------------------15
+
1
384
()Fs
----------------------15
+
SDATA
*INTERNAL SCLK
LRCK
sclkw
t
sdlrs
t
sdh
t
sclkr
t
Figure 12. Internal Serial Mode Input Timing
*The SCLK pulses shown are internal to the CS4341.
SDATA
LRCK
MCLK
*INTERNAL SCLK
1
N
2
N
Figure 13. Internal Serial Clock Generation
* The SCLK pulses shown are internal to the CS4341. N equals MCLK divided by SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com