Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4341 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS4341
Description  24-Bit, 96 kHz Stereo DAC with Volume Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4341 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS4341_05 Datasheet HTML 11Page - Cirrus Logic CS4341_05 Datasheet HTML 12Page - Cirrus Logic CS4341_05 Datasheet HTML 13Page - Cirrus Logic CS4341_05 Datasheet HTML 14Page - Cirrus Logic CS4341_05 Datasheet HTML 15Page - Cirrus Logic CS4341_05 Datasheet HTML 16Page - Cirrus Logic CS4341_05 Datasheet HTML 17Page - Cirrus Logic CS4341_05 Datasheet HTML 18Page - Cirrus Logic CS4341_05 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
CS4341
DS298F5
15
2.
PIN DESCRIPTION
Pin Name
#
Pin Description
RST
1
Reset (Input) - Powers down device and resets registers to their default settings.
SDATA
2
Serial Audio Data (Input) - Input for two’s complement serial audio data.
SCLK
3
Serial Clock (Input) -Serial clock for the serial audio interface.
LRCK
4
Left Right Clock (Input) - Determines which channel, Left or Right, is currently active on the
serial audio data line.
MCLK
5
Master Clock (Input) - Clock source for the delta-sigma modulator and digital filters.
SCL/CCLK
6
Serial Control Port Clock (Input) - Serial clock for the control port interface.
SDA/CDIN
7
Serial Control Data I/O
(Input/Output) - Input/Output for I²C data. Input for SPI data.
AD0/CS
8
Address Bit / Chip Select (Input) - Chip address bit in I²C Mode. Control signal used to select
the chip in SPI mode.
FILT+
9
Positive Voltage Reference (Output) - Positive voltage reference for the internal
sampling circuits.
VQ
10
Quiescent Voltage (Output) - Filter connection for internal quiescent reference voltage.
REF_GND
11
Reference Ground (Input) - Ground reference for the internal sampling circuits.
AOUTB
AOUTA
12
15
Analog Outputs (Output) - The full-scale analog output level is specified in the
Analog Characteristics table.
AGND
13
Analog Ground (Input)
VA
14
Power (Input) - Positive power for the analog, digital, and serial audio interface sections.
MUTEC
16
Mute Control (Output) - Control signal for an optional mute circuit.
15
2
14
3
13
4
16
1
11
6
10
7
9
8
12
5
RST
MUTEC
SDATA
AOUTA
SCLK
VA
LRCK
AGND
MCLK
AOUTB
SCL/CCLK
REF_GND
SDA/CDIN
VQ
AD0/CS
FILT+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com