Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4341 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS4341
Description  24-Bit, 96 kHz Stereo DAC with Volume Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4341 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS4341_05 Datasheet HTML 10Page - Cirrus Logic CS4341_05 Datasheet HTML 11Page - Cirrus Logic CS4341_05 Datasheet HTML 12Page - Cirrus Logic CS4341_05 Datasheet HTML 13Page - Cirrus Logic CS4341_05 Datasheet HTML 14Page - Cirrus Logic CS4341_05 Datasheet HTML 15Page - Cirrus Logic CS4341_05 Datasheet HTML 16Page - Cirrus Logic CS4341_05 Datasheet HTML 17Page - Cirrus Logic CS4341_05 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
CS4341
14
DS298F5
DC ELECTRICAL CHARACTERISTICS (AGND = 0 V; all voltages with respect to AGND.)
Notes: 13. Normal operation is defined as RST = HI with a 997 Hz, 0 dBFS input sampled at the highest Fs for
each speed mode, and open outputs, unless otherwise specified.
14. Power Down Mode is defined as RST = LO with all clocks and data lines held static.
15. Valid with the recommended capacitor values on FILT+ and VQ as shown in Figure 16. Increasing the
capacitance will also increase the PSRR.
DIGITAL INPUT CHARACTERISTICS (AGND = 0 V; all voltages with respect to AGND.)
DIGITAL INTERFACE SPECIFICATIONS (AGND = 0 V; all voltages with respect to AGND.)
Parameters
Symbol
Min
Typ
Max
Units
Normal Operation (Note 13)
Power Supply Current
VA = 5.0 V
VA = 3.0 V
IA
IA
-
-
15
11
18
14
mA
mA
Power Dissipation
VA = 5.0 V
VA = 3.0 V
-
-
75
33
90
42
mW
mW
Power-down Mode (Note 14)
Power Supply Current
VA = 5.0 V
VA = 3.0 V
IA
-
-
60
30
-
-
µA
µA
Power Dissipation
VA = 5.0 V
VA = 3.0 V
-
-
0.3
0.09
-
-
mW
mW
All Modes of Operation
Power Supply Rejection Ratio (Note 15)
1 kHz
60 Hz
PSRR
-
-
60
40
-
-
dB
dB
VQ Nominal Voltage
Output Impedance
Maximum allowable DC current source/sink
-
-
-
0.45•VA
250
0.01
-
-
-
V
k
mA
Filt+ Nominal Voltage
Output Impedance
Maximum allowable DC current source/sink
-
-
-
VA
250
0.01
-
-
-
V
k
mA
MUTEC Low-Level Output Voltage
-
0
-
V
MUTEC High-Level Output Voltage
-
VA
-
V
Maximum MUTEC Drive Current
-
3
-
mA
Parameters
Symbol
Min
Typ
Max
Units
Input Leakage Current
Iin
--
±10
µA
Input Capacitance
-
8
-
pF
Parameters
Symbol
Min
Max
Units
3.3 V Logic (3.0 V to 3.6 V DC Supply)
High-Level Input Voltage
VIH
2.0
-
V
Low-Level Input Voltage
VIL
-0.8
V
5.0 V Logic (4.75 V to 5.25 V DC Supply)
High-Level Input Voltage
VIH
2.0
-
V
Low-Level Input Voltage
VIL
-0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com