Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4341 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS4341
Description  24-Bit, 96 kHz Stereo DAC with Volume Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4341 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS4341_05 Datasheet HTML 12Page - Cirrus Logic CS4341_05 Datasheet HTML 13Page - Cirrus Logic CS4341_05 Datasheet HTML 14Page - Cirrus Logic CS4341_05 Datasheet HTML 15Page - Cirrus Logic CS4341_05 Datasheet HTML 16Page - Cirrus Logic CS4341_05 Datasheet HTML 17Page - Cirrus Logic CS4341_05 Datasheet HTML 18Page - Cirrus Logic CS4341_05 Datasheet HTML 19Page - Cirrus Logic CS4341_05 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
CS4341
16
DS298F5
3.
TYPICAL CONNECTION DIAGRAM
13
Serial Audio
Data
Processor
Exte rnal Clock
MCLK
AG ND
AO UT B
CS4341
SDATA
LR CK
VA
AOUT A
3
4
5
14
0.1 µF
+
1µF
12
+3.0 V or +5.0 V
3.3 µF
3.3 µF
10 k
Ω
C
C
560
Ω
560 Ω
+
+
Micro-Controlled
Configuration
8
6
7
SCLK
1
2
SCL/CCLK
SDA/CDIN
AD0/CS
RST
MUTEC
16
OPTIO NAL
MUTE
CIRCUIT
15
1µF
0.1 µF
Audio
O utput A
Audio
Output B
R
L
R
L
+
+
10 kΩ
.1 µF
1µF
9
10
11
REF_GND
FILT+
VQ
C=
4π Fs(R 560)
L
R560
L +
Figure 16. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com