Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4341 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS4341
Description  24-Bit, 96 kHz Stereo DAC with Volume Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4341 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS4341_05 Datasheet HTML 3Page - Cirrus Logic CS4341_05 Datasheet HTML 4Page - Cirrus Logic CS4341_05 Datasheet HTML 5Page - Cirrus Logic CS4341_05 Datasheet HTML 6Page - Cirrus Logic CS4341_05 Datasheet HTML 7Page - Cirrus Logic CS4341_05 Datasheet HTML 8Page - Cirrus Logic CS4341_05 Datasheet HTML 9Page - Cirrus Logic CS4341_05 Datasheet HTML 10Page - Cirrus Logic CS4341_05 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
CS4341
DS298F5
7
COMBINED INTERPOLATION & ON-CHIP ANALOG FILTER RESPONSE (The filter characteris-
tics and the X-axis of the response plots have been normalized to the sample rate (Fs) and can be referenced to the
desired sample rate by multiplying the given characteristic by Fs.)
Notes: 4. For Single-Speed Mode, the measurement bandwidth is 0.5465 Fs to 3 Fs.
For Double-Speed Mode, the measurement bandwidth is 0.577 Fs to 1.4 Fs.
5. De-emphasis is only available in Single-Speed Mode.
Parameter
Min
Typ
Max
Unit
Single-Speed Mode - (4 kHz to 50 kHz sample rates)
Passband
to -0.05 dB corner
to -3 dB corner
0
0
-
-
0.4535
0.4998
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-0.02
-
+0.08
dB
StopBand
0.5465
-
-
Fs
StopBand Attenuation
(Note 4)
50
-
-
dB
Group Delay
-
9/Fs
-
s
Passband Group Delay Deviation
0 - 20 kHz
-
±0.36/Fs
-
s
De-emphasis Error (Relative to 1 kHz)
Fs = 32 kHz
(Note 5)
Fs = 44.1 kHz
Fs = 48 kHz
-
-
-
-
-
-
+0.2/-0.1
+0.05/-0.14
+0/-0.22
dB
dB
dB
Double-Speed Mode - (50 kHz to 100 kHz sample rates)
Passband
to -0.1 dB corner
to -3 dB corner
0
0
-
-
0.4621
0.4982
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-0.06
-
+0.2
dB
StopBand
0.577
-
-
Fs
StopBand Attenuation
(Note 4)
55
-
-
dB
Group Delay
-
4/Fs
-
s
Passband Group Delay Deviation
0 - 40 kHz
0 - 20 kHz
-
-
±1.39/Fs
±0.23/Fs
-
-
s
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com