Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1632R-R100-F Datasheet(PDF) 4 Page - ON Semiconductor

Part # RL1632R-R100-F
Description  1-Channel Automotive LED Driver H−Bridge 1.5 A, 60 V − TSSOP16−EP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

RL1632R-R100-F Datasheet(HTML) 4 Page - ON Semiconductor

  RL1632R-R100-F Datasheet HTML 1Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 2Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 3Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 4Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 5Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 6Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 7Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 8Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
NCV78514
www.onsemi.com
4
MAXIMUM RATINGS
Pin voltages listed below are referenced to ground plane.
Table 2. MAXIMUM RATINGS
Symbol
Parameter description
Min
Max
Unit
AM_BAT
BAT pin. Main Power Input.
−0.3
45
V
AM_DIM
DIM pin. Signal Input
−20
45
V
AM_RSV
RSV pin Signal Input.
−0.3
3.6
V
AM_VDD
VDD pin. Local Power Supply Output
−0.3
3.6
V
AM_ISET
ISET pin. Signal Input
−0.3
70
V
AM_TCS
TCS pin. Signal Input
−0.3
70
V
AM_VDRV
VDRV pin. Power Output
−0.3
5.5
V
AM_LSSG
LSSG pin. Power Output
−0.3
5.5
V
AM_SW
SW pin. Power Output
−0.3
45
V
AM_VBOOT
VBOOT pin, referring to ground. Power Input
Max of
(VSW−0.3,−0.3)
VSW+3.6
V
AM_SNSP
SNSP pin. Signal Input
−0.3
70
V
AM_SNSN
SNSN pin. Signal Input
−0.3
70
V
AM_TS
Storage Temperature Range
−55
150
C
AM_TJ
Maximum Junction Temperature (Note 1)
−40
P_TJ_OFF
C
EOS_HBM
ESD Withstand Voltage (Human Body Model)
2
kV
EOS_CDM_CORNER
ESD Withstand Voltage (CDM). BAT, SW, LSSG, SNSN
750
V
EOS_CDM
ESD Withstand Voltage (CDM), all other pins than corners
500
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The maximum functional operating temperature range can be limited by the IC thermal shutdown: P_TJ_OFF.
RECOMMENDED OPERATING CONDITIONS
Operating ranges define the limits for functional
operation and parametric characteristics of the device. Note
that the functionality outside the operating ranges described
in this section is not warranted. Operating outside the
recommended operating ranges for extended periods of time
may lead to a not functional device or affect device
reliability. A mission profile is a substantial part of the
operation conditions; hence the Customer must contact
onsemi in order to mutually agree in writing on the allowed
missions profile(s) in the application.
Table 3. RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter Description
Min
Max
Unit
P_BAT_OP
BAT Range − Operating
P_UVLO_operating
P_OVLO_operating
V
P_BAT_MAX
BAT Range − Full Power
9
P_OVLO_operating
V
P_VOUT
DC to DC VOUT Range
5.6
60
V
P_TA
IC Ambient Temperature Range
−40
125
C
P_TJ
IC Junction Temperature Range
(Notes 2 and 3)
−40
150
C
P_OUTPUT_POWER Output Power
20
W
P_IC_POWER
On−chip Power Dissipation with the
recommended heatsink performance
2
W
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
2. The parametric characteristics of the circuit are not guaranteed outside the parametric operating junction temperature range.
3. A mission profile describes the application specific conditions such as, but not limited to, the cumulative operating conditions over life time,
the system power dissipation, the system’s environmental conditions, the thermal design of the customer’s system, the modes, in which the
device is operated by the customer, etc. No more than 100 cumulated hours in life time above P_TJ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com