Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1632R-R100-F Datasheet(PDF) 9 Page - ON Semiconductor

Part # RL1632R-R100-F
Description  1-Channel Automotive LED Driver H−Bridge 1.5 A, 60 V − TSSOP16−EP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

RL1632R-R100-F Datasheet(HTML) 9 Page - ON Semiconductor

Back Button RL1632R-R100-F Datasheet HTML 5Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 6Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 7Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 8Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 9Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 10Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 11Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 12Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
NCV78514
www.onsemi.com
9
DETAILED OPERATING DESCRIPTION
BAT ELECTRICAL DESCRIPTION
For a proper operation and a safe start−up sequence, an
under−voltage comparator senses the BAT pin. Its own wide
hysteresis protects against slow battery rising and falling
behavior
.
An overvoltage comparator turns off the DC−to−DC
controller in case of a too high or inappropriate battery
voltage is applied. The IC starts again when the input voltage
retrieves to normal level, below the OVLO_operating minus
hysteresis.
POWER TREE
The single channel LED driver is supplied from the BAT
pin.
BAT can be supplied from the car battery, for instance by
a SmartFET. Two local supplies are generated from BAT:
VDD and VDRV.
VDD supplies most of the internal circuitry and is
decoupled with the CVDD capacitor. VDRV supplies the
driver of the external low side Boost switch and is decoupled
with the CVDRV capacitor.
No external components or system (except the respective
decoupling capacitors and potential TCS pull−up resistor)
are allowed to be connected to VDD and VDRV pins.
DC−DC BUCK – BOOST CONVERTER OPERATION
The NCV78514 is powered from an automotive battery
and operates with a fixed switching frequency
SWITCH_FREQ, DIM mode (duty cycle modulation).
It is designed to supply a constant current between
ILED_MAX and ILED_MIN into a single LED string,
programmed by a pull−down resistor connected on ISET
pin.
The synchronous Buck integrates the high side and the
low side switch. Whereas the asynchronous boost utilizes an
external low side N−MOSFET and a Schottky diode.
The constant LED current is achieved by sensing peak
current through integrated high side switch.
The sensed peak current is compared to voltage over the
RSENSE resistor, which is in series with LED string.
The output voltage varies with number of LEDs in series
and programmed output current.
When the input voltage is well above the differential
output voltage between LED+ and LED − (Voltage across
the LEDs), the DC−DC converter is in buck mode (BAT >
VLED).
Consequently, the LSSG pin used to drive the low side
switch in boost mode, is then deactivated (retained to GND).
Upon the buck operation, integrated high side and low
side switches, transfer the energy from the input to the
inductor. Their resistances are represented by the
P_HSS_RON and P_LSS_RON parameters. The high side
switch is driven from bootstrap capacitor Cboot (HSS gate
voltage = BAT + VDD − Vf).
During the ton time, HSS is turned on, and LSS is made
non−conductive. The peak current is tracked during this
phase. The conductivity of integrated switches is inverted
during the toff phase. Behaving like a synchronous buck
converter until the maximum duty cycle is reached
(DC_Buck_Max).
In case of the BAT is close to the output voltage, the IC
enters in the 4−phases cycle, called the Buck−Boost mode.
The LSSG is then re−activated and the 3 switches (both
integrated switches and external N−MOSFET) will be
alternatively controlled, where the sequence depends on
BAT voltage in reference to VLED.
During boost phase, LSS is open and HSS is closed.
Allowing to continuously track the Inductor IPEAK current.
The ton boost phase (inductor current increasing phase) is
when external N−MOSFET is on, and no current crosses the
schottky diode (VLED > schottky anode voltage).
The external N−MOSFET is made non−conductive
during the inductor discharge phase (toff).
The inductor is protected by an IPEAK protection. The
current is measured internally, through the high side switch.
The IPEAK is set at P_IPEAK. The maximum output power
will be limited in case of IPEAK event. The output power
limitation due to IPEAK protection mainly occurs in Boost
mode and in case of Battery cranking.
In case of IPEAK event, no error is reported to DIM pin.
SPREAD SPECTRUM FREQUENCY MODULATION
Spread spectrum is a technique using frequency
modulation to achieve lower peak electromagnetic
interference (EMI).
It is an elegant and complementary solution with filtering
and shielding techniques to improve EMC performance.
In order to “spread” the peak to broader band, the internal
oscillator frequency is modulated, decreasing the peak
amplitude at the center frequency and at the frequency’s
harmonics. This results in lower system EMI compared to
the typical narrow band signal produced by oscillators and
most clock generators.
The adopted spread spectrum technic results in double
peak triangle modulation, on FSSMB frequency range, and
FSSMB frequency modulation.
DIM PIN − DIMMING DESCRIPTION
The average current through the LEDs can be reduced in
a dimming fashion, with an external signal applied on DIM
pin.
The input signal frequency at DIM can be freely chosen
in the DIM_FREQ frequency range while the output
frequency is constant at FREQ_OUT.
The input signal is validated by the device before actual
dimming is applied on LED string (two periods).
An input frequency outside the DIM_FREQ_IN range is
considered as no DIM available (or disappearance) thus the
LED string is maintained off (or switched off).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com