Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1632R-R100-F Datasheet(PDF) 7 Page - ON Semiconductor

Part # RL1632R-R100-F
Description  1-Channel Automotive LED Driver H−Bridge 1.5 A, 60 V − TSSOP16−EP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

RL1632R-R100-F Datasheet(HTML) 7 Page - ON Semiconductor

Back Button RL1632R-R100-F Datasheet HTML 3Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 4Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 5Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 6Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 7Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 8Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 9Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 10Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
NCV78514
www.onsemi.com
7
Table 8. DIM TABLE (continued)
Symbol
Notes
Unit
Max
Typ
Min
Parameter Description
P_FULL_STARTUP
DC to DC output start up time from valid BAT
applied – Automatic mode / Direct turn ON,
P_FADING_TIME=0
20
25
30
ms
P_DIM_SLOPE
Total time constant of the ILED setting from
dimming mode to normal mode
125
ms
P_DIM_Vih
DIM pin high logic level (4.5 V overdrive)
3.5
V
(Note 8)
P_DIM_Vil
DIM pin low logic level
2
V
P_DIM_IQ
No LED Error
P_UVLO_operating < BAT <
P_OVLO_operating, DIM valid
Referring to ILED derating summary table
10
14
mA
P_DIM_IFAULT
LED Error
P_UVLO_operating < BAT <
P_OVLO_operating, DIM valid
No LED Error
BAT < P_UVLO_operating. DIM valid
Referring to Protection and error management
summary table
0.4
0.7
mA
6. An input duty cycle on DIM pin over 98 % is considered as a 100 % output duty cycle.
7. P_DIM_DC_ACC represents the digital reconstruction of the DIM input duty cycle. The ILED average and P_FULL_STARTUP depend on
the component choice, like Schottky leakages and/or lower capacitor values. Referring to Ta max 105C
8. A 4.5 V overdrive on DIM slope must be respected to not create additional delay on the PWM reconstruction.
Table 9. RSET PARAMETRIC TABLE
Symbol
Parameter Description
Min
Typ
Max
Unit
Notes
P_RSET_RANGE
RSET pull down resistor valid range
0.4
15
kW
P_RSET_RANGE_ACC
RSET range accuracy
10
%
P_TIMEOUT_RSET
Timeout for an out−of−range RCOD value
100
ms
P_SET_RSET
RSET reading duration from an UVLO rising edge
4.5
5
5.5
s
Table 10. LED CURRENT CONTROL WITH LOW VBAT TABLE
Symbol
Parameter Description
Min
Typ
Max
Unit
Notes
P_BAT_LOW
Poor BAT voltage (ADC reading)
8.7
9
9.3
V
P_DEB_BAT
VBAT time before derating, when
VBAT < P_BAT_LOW
7
10
13
ms
P_DTC_BAT
ILED derating time constant in case of
VBAT < P_BAT_LOW, rising and falling
256
ms
P_ILED_BAT_STEP
Step to Step Current De−rating granularity
2.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com