Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1632R-R100-F Datasheet(PDF) 16 Page - ON Semiconductor

Part # RL1632R-R100-F
Description  1-Channel Automotive LED Driver H−Bridge 1.5 A, 60 V − TSSOP16−EP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

RL1632R-R100-F Datasheet(HTML) 16 Page - ON Semiconductor

Back Button RL1632R-R100-F Datasheet HTML 12Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 13Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 14Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 15Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 16Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 17Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 18Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 19Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
NCV78514
www.onsemi.com
16
Table 14. ILED DERATING SUMMARY TABLE
ILED Derating List
Reset
DIM Current Sink
Output State
IC over temperature (Warning)
> P_DIM_IQ
ILED Derated
Low BAT voltage
> P_DIM_IQ
ILED Derated following (BAT +1)/10 rule
PTC or NTC Over temperature (ILED < ISTOP)
> P_DIM_IQ
ILED Derate
Inductor I PEAK
> P_DIM_IQ
ON but limited power
Table 15. PROTECTIONS AND ERROR MANAGEMENT SUMMARY TABLE
Protections and Errors List
Reset
DIM Current Sink
Output State
Overvoltage
Comp. Hysteresis
< P_DIM_IFAULT
LED OFF
BAT < UVLO
Comp Hysteresis
< P_DIM_IFAULT
LED OFF
IC over temperature (TJ_OFF)
Comp. Hysteresis
< P_DIM_IFAULT
LED OFF
IC over temperature (TJ_OFF) − 40 % ILED derate
BAT POR
< P_DIM_IFAULT
LED OFF
ILED = ISTOP more than TFAULT
BAT POR
< P_DIM_IFAULT
LED OFF
LED + shorted to GND or LED −
BAT POR
< P_DIM_IFAULT
LED OFF
LED + string opened
BAT POR
< P_DIM_IFAULT
LED OFF
SNS P or N opened
BAT POR
< P_DIM_IFAULT
LED OFF
SNS P and N shorted
BAT POR
< P_DIM_IFAULT
LED OFF
RSET out of range
Auto restart
< P_DIM_IFAULT
LED OFF
Table 16. TIMING TABLE SUMMARY
Parameter
Timings
VREG_OK
No debounce, 2 ms response time
VREF_OK
No debounce, 2 ms response time
VDRV_OK
No debounce, 2 ms response time
UVLO
No debounce, 2 ms response time, Functional State Machine. Synchro rise & fall
OVLO
No debounce, 2 ms response time, Functional State Machine. Falling + 20 ms FAULT state timer
TSD
No debounce, 2 ms response time, Functional State Machine. Falling + 20 ms FAULT state timer
VLED H
Debounce 8 ms rising
VLED L
Debounce 5 ms after bob_running. Debounce 8 ms in running mode.
SNSP&N opened
Debounce 150 ms in running mode.
SNSP&N shorted
Blanking 8 ms after bob_running. Debounce 150 ms in running mode.
RSET OOR
90 ms
BAT
10 ms before derating
BAT derating
256 ms (de)rating slope
PTC/NTC derating
256 ms (de)rating slope
DIM slope
P_DIM_SLOPE (Option)
IC temp
Direct derating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com