Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1632R-R100-F Datasheet(PDF) 5 Page - ON Semiconductor

Part # RL1632R-R100-F
Description  1-Channel Automotive LED Driver H−Bridge 1.5 A, 60 V − TSSOP16−EP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

RL1632R-R100-F Datasheet(HTML) 5 Page - ON Semiconductor

  RL1632R-R100-F Datasheet HTML 1Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 2Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 3Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 4Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 5Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 6Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 7Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 8Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
NCV78514
www.onsemi.com
5
Table 4. THERMAL INFORMATION (Note 4)
Symbol
Parameter Description
Min
Typ
Max
Unit
Notes
RTHETA_JC
Junction to exposed pad thermal resistance
3.2
C/W
4. Includes also typical solder thickness under the Exposed Pad (EP).
ELECTRICAL CHARACTERISTICS
In the electrical table of this section, the Min and Max
Limits apply for ambient temperature from −40C to 125C
and junction temperature from −40C to +150C and for
VBAT from 5 V to 21 V unless otherwise specified. Typical
values are referenced to TJ = + 25C, VBAT = 14.0 V.
Table 5. BAT ELECTRICAL CHARACTERISTIC TABLE
Symbol
Parameter Description
Min
Typ
Max
Unit
Notes
P_UVLO_starting
Under−voltage comparator rising edge – BAT rising
7.75
8
8.25
V
P_UVLO_operating Under−voltage comparator falling edge – BAT falling
5
V
P_OVLO_operating Over−voltage comparator BAT rising edge
20
21
V
P_OVLO_starting
Over−voltage comparator BAT falling edge
18
19
V
P_OVLO_hyst
Over−voltage hysteresis, falling
1.5
2.3
V
P_OVLO_FALL
BAT falling for rearming after an overvoltage
20
ms
P_BAT_IWAIT
BAT pin Wait current, UVLO <BAT< OVLO no switching
DIM=0 or FAULT/STOP modes
8
mA
Table 6. POWER TREE TABLE
Symbol
Parameter Description
Min
Typ
Max
Unit
Notes
P_VDD
LDO supply voltage, BAT > P_UVLO_operating
3.3
V
(Note 5)
P_VDD_CLAMP
VDD Current limit, BAT > P_UVLO_operating
30
55
mA
P_CVDD
VDD output capacitance, including derating
2.2
4.7
mF
P_VDRV
VDRV supply voltage, BAT > P_UVLO_operating
5
V
(Note 5)
P_VDRV_CLAMP
VDRV Current limit, BAT > P_UVLO_operating
40
60
mA
P_CVDRV
VDRV output capacitance, including derating
2.2
4.7
mF
P_PORB_R
Power on reset threshold, VDD rising
2.95
V
P_PORB_F
Power on reset threshold, VDD falling
2.5
V
5. Loaded up to the minimum clamp value
Table 7. DC−DC CONVERTER TABLE
Symbol
Parameter Description
Min
Typ
Max
Unit
Notes
P_HSS_RON
High side switch resistance from BAT to SW
75
mW
P_LSS_RON
Low side switch resistance from SW to PGND
260
mW
P_IPEAK
IPEAK protection of the inductor
4.5
A
P_EFFICIENCY1
DC to DC efficiency, buck mode, BAT 14 V,
VLED 9 V, 1.5 A
90
%
P_EFFICIENCY2
DC to DC efficiency, boost mode, BAT 14 V,
VLED 44 V, 0.4 A
90
%
P_EFFICIENCY3
DC to DC efficiency, buck−boost mode, BAT14 V,
VLED 13 V, 1 A
90
%
P_DC_Buck_Max
Max duty cycle in Buck Mode (BAT > VLED),
from Buck to Buck−Boost
80
%
P_DC_Boost_Min
Min duty cycle in Boost Mode (BAT < VLED),
from Boost to Buck−Boost
23
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com