Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1632R-R100-F Datasheet(PDF) 14 Page - ON Semiconductor

Part # RL1632R-R100-F
Description  1-Channel Automotive LED Driver H−Bridge 1.5 A, 60 V − TSSOP16−EP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

RL1632R-R100-F Datasheet(HTML) 14 Page - ON Semiconductor

Back Button RL1632R-R100-F Datasheet HTML 10Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 11Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 12Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 13Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 14Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 15Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 16Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 17Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
NCV78514
www.onsemi.com
14
PTC choice makes the derating more direct due to the
exponential intrinsic variation of this resistor type. The
derating slew rate is then blended with the TDISDER slope
control.
For safety reasons, an internal pull−down resistor is
connected between TCS pin and and GND. Indeed, in case
of a floating pin, the TCS pin is automatically tied to GND,
and a maximum derating is applied on the LED current.
If the LED temperature stays excessive longer than
TFAULT timer, with a maximum derating applied, a fault is
reported on DIM pin.
Derating example with a positive temperature coefficient
sensor.
PTC ref: PRF18BE471QS5RB (470
W @ 25 C, 4700 W @
85C)
RPD + RPTC@85C*
VTCSSTART
VDD * VTCSSTART
[ 6250 W
(eq. 3)
Temperature calculation at ISTOP value (60% of ISET by
default).
RPTC@END + RPD(6250 W)*
VTCSSTART
VDD * VTCSSTART
+ 9775 W [ 90C with&a PRF18BE471
(eq. 4)
Because the PTC value changes by 50% with 5C
temperature difference, the same temperature difference
creates larger change of output current than NTC.
Derating example with a negative temperature coefficient
sensor: NCG18XH103F0SRB
RPU + RNTC@85C*
VDD * VTCSstart
VTCSSTART
[ 1100 W
(eq. 5)
Temperature calculation at ISTOP value (60% of ISET by
default).
RNTC@END + RPD(1100 W)*
VDD * VTCSSTART
VTCSSTART
+ 698 W [ 115C with&a NCG18XH103
(eq. 6)
If unused, TCS pin is to be connected with an external
resistor divider, to set TCS pin voltage to half of VLDO.
In case both junction temperature and LED temperature
required current derating, the current is controlled by the
thermal sensor (NTC/PTC or TJ) which requires the higher
current derating (whichever results in lower LED current).
Optional Behavior: STOP Over VTCSEND Threshold
Optionally, it is proposed to the end user to reshape the
derating profile by turning off the DCDC in case of
VTCS_END threshold is exceeded longer than TSTOP. If
so, the profile is expressed below
.
Figure 11. Current Derating TCS Voltage
0
VTCS_START
P_ISTOP
VTCS (V)
VTCS_END
Normalized
Output Current
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com