Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1632R-R100-F Datasheet(PDF) 6 Page - ON Semiconductor

Part # RL1632R-R100-F
Description  1-Channel Automotive LED Driver H−Bridge 1.5 A, 60 V − TSSOP16−EP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

RL1632R-R100-F Datasheet(HTML) 6 Page - ON Semiconductor

Back Button RL1632R-R100-F Datasheet HTML 2Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 3Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 4Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 5Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 6Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 7Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 8Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 9Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
NCV78514
www.onsemi.com
6
Table 7. DC−DC CONVERTER TABLE (continued)
Symbol
Notes
Unit
Max
Typ
Min
Parameter Description
P_SWITCH_FREQ
DC to DC switching frequency
360
400
440
kHz
P_FSSMB
Spread Spectrum Modulation Bandwidth, of the
SWITCH_FREQ
5
6
10
%
P_FSSMF
Spread Spectrum Modulation Frequency
11.97
13.3
14.65
kHz
P_ILED_MAX
Maximum output current – RSET= 715 W − no
dimming – no derating
1.425
1.5
1.575
A
P_ILED_MIN
Minimum output current – RSET= 10 kW − no
dimming – no derating
0.18
0.2
0.22
A
P_ILEDCLAMP
LED Current de−rating minimum value in case of
derating, plateau option 50%
100
mA
P_ILED_ACCURACY_200
ILED accuracy for a 200 mA programmed current –
no dimming (RSET = 10 kW)
−10
+10
%
P_ILED_ACCURACY_1500 ILED accuracy for a 1500 mA programmed current –
no dimming _(RSET = 715 W)
−5
+5
%
P_RSENSE
ILED Current sensing resistor value
99
100
101
mW
P_LSSG_PD
LSSG Gate Pull−down impedance – Isink 40 mA
1.5
3
6
W
P_LSSG_PUP
LSSG Gate Pull−up impedance – Isource 40 mA
1.5
3
6
W
P_EXT_LX
Buck Boost inductor value
8
10
12
mH
P_EXT_CBOOT
Boost strap capacitor. Including DC bias derating
100
220
nF
P_EXT_ISET
ISET capacitor for EMC
0.1
2.2
mF
P_EXT_CBAT
BAT pin decoupling capacitor. Including DC bias der-
ating
1
2
4.7
mF
P_EXT_CVOUT
Vout pin decoupling capacitor. Including DC bias
derating
1
2
4.7
mF
P_EXT_CIN_INPUT_PI
Cin of the input Pi Filter
4.7
10
mF
P_EXT_COUT_INPUT_PI
Cout of the input Pi Filter
10
30
mF
P_EXT_LX_INPUT_PI
Inductor of the input Pi Filter
2.2
3.3
mH
P_EXT_CIN_OUTPUT_PI
Cin of the output Pi Filter
2.2
2x4.7
mF
P_EXT_COUT_OUTPUT_PI Cout of the output Pi Filter
0.680
1
mF
P_EXT_LX_OUTPUT_PI
Inductor of the output Pi Filter
2.2
3.3
mH
Table 8. DIM TABLE
Symbol
Parameter Description
Min
Typ
Max
Unit
Notes
P_DIM_IN_DIG
Input duty cycle range, digital mode
1
100
%
(Note 6)
P_DIM_OUT_DIG
Output duty cycle range, digital mode
1
100
%
P_DIM_FREQ
Valid frequency on DIM
80
600
Hz
P_DIM_FREQ_IN_MIN_HYST
Hysteresis of the minimum valid frequency
−1
−2
−3
%
P_DIM_FREQ_ACC
Accuracy of the frequency thresholds
10
%
P_DIM_FREQ_IN_MAX_HYST
Hysteresis of the maximum valid frequency
1
2
3
%
P_DIM_FREQ_OUT
Output frequency of the DIM reconstruction
(from DIM input frequency)
360
400
440
Hz
P_DIM_DC_ACC
DIM dimming reconstruction accuracy based
on DCDC Switching Activity Ratio. From DIM
in to LSSG or SW.
−1
1
%
(Note 7)
P_DIM_DETECT
Detection time of a valid DIM.
25
30
ms
P_DIM_REMOVAL
Detection time of DIM removal
80
90
100
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com