Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1632R-R100-F Datasheet(PDF) 10 Page - ON Semiconductor

Part # RL1632R-R100-F
Description  1-Channel Automotive LED Driver H−Bridge 1.5 A, 60 V − TSSOP16−EP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

RL1632R-R100-F Datasheet(HTML) 10 Page - ON Semiconductor

Back Button RL1632R-R100-F Datasheet HTML 6Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 7Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 8Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 9Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 10Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 11Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 12Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 13Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
NCV78514
www.onsemi.com
10
Digital Dimming
A first dimming functionality is achieved by applying
a square input signal on the DIM pin.
The input duty cycle range is valid in the DIM_DC_IN
range and is reconstructed on the output with an identical
duty cycle (DIM_DC_OUT).
A duty cycle above 98% is considered as a 100 % duty
cycle. The current into the LEDs is then no more dimmed,
and set to the DC current, programmed by RSET.
As soon as the part achieves 100 % duty cycle, the part
enters in automatic mode.
At start up, the NCV78514 starts after the second
identified valid duty cycle.
A duty cycle change, to a higher or lower value, makes
a linear change of the LED current. The time to reach new
current is proportional to difference of new and previous
duty cycle and is described below.
Figure 4. ILED Setting Slope in Digital Dimming Mode
A = Old Duty
Cycle: 20 %
0.2
0.5
1
t (ms)
t (ms)
P_DIM_DETECT
B = New Duty
Cycle: 50 %
Duty cycle:
0 %
P_DIM_DETECT
 P_FADING_TIME
B - A
100
P_DIM_DETECT +
Automatic Fading
Automatic fading mode is activated if the voltage applied
to PWM pin is not alternating during the P_DIM_DETECT
period. When the PWM pin is held active for this period, the
output current will reach programmed value after
P_FADING_TIME and the current rise will be logarithmic.
When logic 0 is applied for another period of
P_DIM_DETECT, the output current will start to decline to
in logarithmic manner. Zero output current will be reached
after P_FADING_TIME.
Remark: depending on the output conditions (I.E low
current level, high LED number), the small duty cycle
values can create long turn on time of the LED string.
Figure 5. ILED Setting Slope, Automatic Fading Mode
1
t (ms)
t (ms)
P_DIM_DETECT
0
P_FADING_TIME
P_DIM_DETECT
P_FADING_TIME
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com