Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1632R-R100-F Datasheet(PDF) 8 Page - ON Semiconductor

Part # RL1632R-R100-F
Description  1-Channel Automotive LED Driver H−Bridge 1.5 A, 60 V − TSSOP16−EP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

RL1632R-R100-F Datasheet(HTML) 8 Page - ON Semiconductor

Back Button RL1632R-R100-F Datasheet HTML 4Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 5Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 6Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 7Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 8Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 9Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 10Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 11Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
NCV78514
www.onsemi.com
8
Table 11. IC THERMAL THRESHOLDS TABLE
Symbol
Parameter Description
Min
Typ
Max
Unit
Notes
P_TJWARN
Warning threshold for a LED Current de−rating
starting value
130
C
P_TJ_HYST
Rearming threshold after a direct TSD (no derating)
135
C
P_TJ_REG
LED Current de−rating end value
(ILED = P_ILED_TJILED over this threshold)
150
C
P_TJ_OFF
Protection for the maximum Junction Temperature.
DC to DC is turned off over this value.
170
C
P_ILED_TJ
End de−rating output current ratio, percentage of
the ISET
60
%
P_TJ_FALL
Response time + timer, falling for rearming
20
ms
P_ILED_TJ_STEP
Step to Step Current De−rating ratio
1.3
2.5
%
Table 12. THERMAL COEFFICIENT SENSOR PIN TABLES
Symbol
Parameter
Min
Typ
Max
Unit
Notes
P_VTCSSTART
Derating start voltage on TCS
0.57
* VVDD
P_VTCSEND
Derating end voltage on TCS
0.39
* VVDD
P_ISTOP
Relative to ISET, Default Option
60
%
P_TFAULT
Timer before an error is reported on DIM pin
20
30
100
ms
P_TDER_SLOPE
Derating slope in percentage of ILED
0.15
0.2
0.25
%/ms
P_TCS_PD
Internal pull down for pin floating event, measured
at 1 V
0.3
2
MW
Table 13. SNSP AND SNSN THRESHOLDS TABLE
Symbol
Parameter Description
Min
Typ
Max
Unit
Notes
P_VOUT_L
LED under voltage threshold (LED string shorted),
falling
1.5
V
P_VOUT_SU
Start up threshold, Current sense feedback, rising
1.825
V
P_VOUT_L_IDLE_SU
Blanking time where the VLED low comparator is
not activated during start up, from switching activity
10
ms
P_VOUT_H
LED over voltage threshold (LED string opened),
rising
62
64
66
V
P_SNSPN_OPEN
Of the programmed ICOD. The comparator is
debounced.
135
195
%
P_SNSPN_SHORT
Differential voltage of the VLED N and P pins.
The comparator is debounced.
5
mV
P_SNSPN_SHORT_SU
Blanking time at start up, from switching activity
(sum of Ton in DIM dimming case)
8
ms
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com