Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1632R-R100-F Datasheet(PDF) 3 Page - ON Semiconductor

Part # RL1632R-R100-F
Description  1-Channel Automotive LED Driver H−Bridge 1.5 A, 60 V − TSSOP16−EP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

RL1632R-R100-F Datasheet(HTML) 3 Page - ON Semiconductor

  RL1632R-R100-F Datasheet HTML 1Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 2Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 3Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 4Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 5Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 6Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 7Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 8Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
NCV78514
www.onsemi.com
3
PIN OUT DESCRIPTION
Figure 3. Pin Out (Top View)
BAT
BAT
LSSG
DIM
AGND
VDD
RSV
VDRV
VBOOT
ISET
PGND
SW
SNSN
SNSP
TCS
SW
Exposed Pad
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Table 1. PIN FUNCTION DESCRIPTION
Number
Name
Description
1, 2
BAT
Input supply voltage, coming from the Battery or ECU, through reverse blocking protection and input
Pi filter. Pin 1 and pin 2 must be connected together.
3
DIM
Enable/disable function, including LED current dimming function and error status function.
4
AGND
Must be connected directly to the analog ground plane.
5
VDD
3V3 low dropout output pin. A capacitor must be connected between this pin and ground.
Must not be used for external load.
6
RSV
Reserved for production test. Must be connected directly to the analog ground plane in the
application.
7
VDRV
VDRV regulator output for the external gate driver. A capacitor must be connected between this pin
and ground. Must not be used for external load.
8
LSSG
Gate drive of the boost, low side NMOS.
9
SNSN
Voltage feedback of the current sense, LED side
10
ISET
LED current−encoding resistor connection (RSET connection or VSET voltage).
11
SNSP
Voltage feedback of the current sense, H−Bridge side
12
TCS
Temperature coefficient sensor connection. Compatible with both NTC and PTC sensors.
13
VBOOT
Bootstrap pin.
14
PGND
Power ground.
15, 16
SW
Switching node for the inductor connection. Pin 15 and pin 16 must be connected together.
Exposed pad
ExP
Thermal Pad for power dissipation. Must be connected to the power ground local plane for noise
optimization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com