Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1632R-R100-F Datasheet(PDF) 15 Page - ON Semiconductor

Part # RL1632R-R100-F
Description  1-Channel Automotive LED Driver H−Bridge 1.5 A, 60 V − TSSOP16−EP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

RL1632R-R100-F Datasheet(HTML) 15 Page - ON Semiconductor

Back Button RL1632R-R100-F Datasheet HTML 11Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 12Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 13Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 14Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 15Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 16Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 17Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 18Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
NCV78514
www.onsemi.com
15
PROTECTIONS AND ERROR MANAGEMENT
Due to several embedded protection systems, the
NCV78514 is able to manage different errors and fault
types.
Depending on the error, the controller informs the system
through the DIM pin by changing current consumption.
The different errors types are described below.
Overvoltage
When BAT pin voltage is larger than P_OVLO_operating
threshold, the light is turned off or maintained off. An error
is reported to DIM pin in this case.
To retrieve normal operation, the BAT must be below
OVLO operating minus hysteresis. Error is not reported on
DIM pin, when BAT voltage falls below OVLO minus
hysteresis.
LED String Error
The device is able to detect several faults on the LED
string, through the SNSP and SNSN sense pins.
For the two error situations described below, the DC to DC
controller will instantaneously turn off the LED current, and
report error via DIM pin.
The first situation is when anode of LED string shorts to
cathode, or to GND. These events are detected, when SNSN
voltage drops below P_VOUT_L.
During the turn on sequence of the DC DC converter, this
protection
mechanism
is
deactivated
during
P_VOUT_L_IDLE_SU in order to avoid unexpected fault
detection. In case of an error is detected and the part goes to
error mode, a new start up sequence is started. The
brightness is recovered as soon as the error disappear
.
The second situation occurs, when LED string opens.
In this case the SNSN will cross the P_VOUT_H
threshold due to the boost mode. An auto−rearming is started
as soon as the output capacitor is fully discharged (below
UV out threshold).
A LED string error is reported via DIM pin.
The auto−rearming sequence is running as long as the led
string is opened
.
RSET Out of Range Value
An out of range RSET is considered as an error (See Error
Table) if RSET < 400
W, RSET > 15 kW for longer than
P_TIMEOUT_RSET.
This out of range detection acts after the P_SET_RSET
start up timer is elapsed or if the LEDs are already ON.
The out of range error is reported via DIM pin. The system
automatically rearms until the RSET recovers a valid value.
Feedback Loop Issue
SNSP and SNSN pins are used for the regulation loop.
A physical error making the pins shorted or opened, latch an
error and the LED current is stopped
.
DIM Pin Status Function
In case of some specific errors, the DIM pin is used as
a status pin.
The current consumption on the pin will switch from
P_DIM_IQ to P_DIM_IFAULT input current consumption,
in case of error.
Figure 12. DIM Pin, Diagnostic Current Sink
DIM
Dimming Generator
DIAG
Control
Light provided:
IDIM > P_DIM_IQ
No light provided:
IDIM < P_DIM_IFAULT
Depending on the kind of error, the output may be turned
off, requiring a BAT removal to reset the error mode
condition.
At power up, the P_DIM_IQ is activated when
P_VOUT_L is reached to make sure the current is present
into the LED string.
The P_DIM_IQ is de−activated on UVLO, falling edge.
The different errors are described in the below table
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com