Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1632R-R100-F Datasheet(PDF) 1 Page - ON Semiconductor

Part # RL1632R-R100-F
Description  1-Channel Automotive LED Driver H−Bridge 1.5 A, 60 V − TSSOP16−EP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

RL1632R-R100-F Datasheet(HTML) 1 Page - ON Semiconductor

  RL1632R-R100-F Datasheet HTML 1Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 2Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 3Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 4Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 5Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 6Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 7Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 8Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
DATA SHEET
www.onsemi.com
 Semiconductor Components Industries, LLC, 2022
July, 2024 − Rev. 1
1
Publication Order Number:
NCV78514/D
1-Channel Automotive LED
Driver
H−Bridge 1.5 A, 60 V − TSSOP16−EP
NCV78514
The NCV78514 is a part of the onsemi LED driver solution family
for the automotive market. It’s main emphasis is on supporting MCU
less applications by integrating smart features like derating based on
input voltage and temperature of the LED string. The device is
optimized for a one channel LED driver unit and is based on
aH−Bridge topology with a synchronous Buck switches and
asynchronous Boost with external low side NMOSFET and Schottky
diode. Supplying in a constant current mode a single LED string
between 2 and 20 LEDs.
This enables the design of a single PCB design solution or with
a separate module approach.
The LED string current is set with a current−encoding resistor. The
actual current through the LED string is sensed with a sense resistor.
Features
 Support for MCU Less Application
 Integrated Derating Mechanisms
 Fixed Switching Frequency at 400 kHz
 Input Operating Range from 5 V – 21 V
 Warm Start Management below 9 V
 Withstands Load Dump up to 45 V
 Output Voltage Range up to 60 V
 External Programmable Current 200 mA − 1500 mA
 Pulse Width Modulation from 80 Hz to 600 Hz
 LED Current Dimming Frequency 400 Hz
 External NTC / PTC for LED−temperature
 Spread Spectrum
 Status and Error Mode Handling
 AEC−Q100 Qualified and PPAP Capable
Figure 1. Typical Application Circuit
BAT
DIM
SW
PGND
LSSG
SNSP
SNSN
VDD
VDRV
RSV
ISET
TCS
AGND
VBOOT
VBAT
Input
EMC/EMI
Filter
Reverse
Polarity
Protection
Buck
Boost
Controller
PWM
Reconstruct
Device
Package
Shipping†
ORDERING INFORMATION
NCV78514PA0R2G
TSSOP16−EP
(Pb−Free)
4000 /
Tape & Reel
MARKING DIAGRAM
L514001= Specific Device Code
A
= Assembly Location
L
= Wafer Lot
YW
= Year & Work Week
G
= Pb−Free Indicator Microdot
TSSOP16−EP
CASE 948BV
18
16
9
L514
001
ALYWG
1
16
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
Typical Application
 Fog Lamp
 Cornering Light
 Logo Projection
 Logo Lighting


Similar Part No. - RL1632R-R100-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL1632R-R100-F ETC2-RL1632R-R100-F Datasheet
63Kb / 1P
RL series, low resistance value chip resistors with short-side electrodes for high-precision current detection.
More results

Similar Description - RL1632R-R100-F

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33186 MOTOROLA-MC33186 Datasheet
858Kb / 12P
Automotive H-Bridge Driver
MPC17511 MOTOROLA-MPC17511 Datasheet
1Mb / 10P
1 Channel H-Bridge Driver IC
logo
NEC
UPD16886 NEC-UPD16886 Datasheet
137Kb / 16P
MONOLITHIC 1.5-CHANNEL H BRIDGE DRIVER CIRCUIT FOR CAMERAS
logo
Texas Instruments
DRV8837C TI1-DRV8837C Datasheet
358Kb / 21P
1-A Low-Voltage H-Bridge Driver
logo
Rohm
BD6941FM ROHM-BD6941FM_15 Datasheet
1Mb / 17P
Automotive 1ch H Bridge Driver
logo
Vishay Siliconix
SIP2100 VISHAY-SIP2100 Datasheet
172Kb / 7P
5 V, 1 A H-Bridge Motor Driver
10-Dec-12
logo
ON Semiconductor
LV8762TEVB ONSEMI-LV8762TEVB Datasheet
54Kb / 1P
1-Channel H-Bridge Driver Evaluation Board
logo
Texas Instruments
DRV8873-Q1 TI1-DRV8873-Q1 Datasheet
170Kb / 8P
Automotive H-Bridge Motor Driver
DRV8873-Q1 TI1-DRV8873-Q1_18 Datasheet
173Kb / 8P
Automotive H-Bridge Motor Driver
logo
Vishay Siliconix
SIP2100 VISHAY-SIP2100_V01 Datasheet
173Kb / 7P
5 V, 1 A H-Bridge Motor Driver
10-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com