Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1632R-R100-F Datasheet(PDF) 13 Page - ON Semiconductor

Part # RL1632R-R100-F
Description  1-Channel Automotive LED Driver H−Bridge 1.5 A, 60 V − TSSOP16−EP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

RL1632R-R100-F Datasheet(HTML) 13 Page - ON Semiconductor

Back Button RL1632R-R100-F Datasheet HTML 9Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 10Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 11Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 12Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 13Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 14Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 15Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 16Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
NCV78514
www.onsemi.com
13
When VBAT falls under P_BAT_LOW, ILED is derated
following
the
formula
with
a
minimum
of
P_ILED_CLAMP value:
ILED + ISET
(BAT ) 1)
10
(eq. 2)
IC Temperature Monitoring
The junction temperature of the IC is monitored thanks to
an internal thermometer.
In the situation where the junction temperature exceeds
gradually the P_TJWARN, a current de−rating is
immediately applied to the LED current, with a controlled
slope upon P_DTC_BAT timing.
If the junction temperature continues to increase and
crosses the P_TJ_REG threshold, the LED current is
maintained around P_ILED_TJ.
If the IC temperature exceeds the P_TJ_OFF, the current
into the LED is stopped, and an error is reported on DIM pin.
A power on reset is required to reset the error.
In case of a very fast temperature increase (no derating is
engaged) and P_TJ_OFF is crossed, the LED string will be
rearmed when the junction temperature falls below the
P_TJ_HYST threshold, and the error reporting on DIM pin
is stopped
.
The current derating and management are defined as
following:
Figure 9. LED Current Derating versus Junction Temperature
Normalized Output
Current
Junction Temperature
100%
60%
TJ_WARN
TJ_REG
ILED_TJ_STEP
TJ_OFF
LED String Temperature Monitoring
A derating is also applied to ISET in case the LED string
temperature is too high, and a temperature coefficient
resistor is used (same PCB or separate LED module).
Both negative temperature coefficient (NTC) or positive
temperature coefficient (PTC) can be used with a pull−up or
pull−down resistor respectively.
In case of a module approach, NTC is recommended to
save one wire on the connector between the controller and
the Led module.
Figure 10. NTC (left side) and PTC (right side) Connection Options
TCS
ADC
VDD
NTC
TCS
ADC
VDD
PTC
NCV78514
NCV78514
RPU
RPD
P_TCS_PD
P_TCS_PD
The sampling period of the temperature sensor is defined
by the sampling rate of the internal ADC.
RPUP and RNTC (or RPD and RPTC) ratio is selected to
start the ILED derating when VTCS is crossing VTCSTART.
During the derating time frame, AR_P_DER_SLOPE is
applied on the LED current to avoid glare or flickering
effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com