Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1632R-R100-F Datasheet(PDF) 20 Page - ON Semiconductor

Part # RL1632R-R100-F
Description  1-Channel Automotive LED Driver H−Bridge 1.5 A, 60 V − TSSOP16−EP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

RL1632R-R100-F Datasheet(HTML) 20 Page - ON Semiconductor

Back Button RL1632R-R100-F Datasheet HTML 14Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 15Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 16Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 17Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 18Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 19Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 20Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 21Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 22Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
NCV78514
www.onsemi.com
20
Table 17. BILL OF MATERIAL
Reference
Manufacturer
Manufacturer Reference
Value
C1
Murata
GCJ188R72A104KA01D
100 nF
C2
Murata
GCM32EL8EH106KA07
10 mF
C3
Murata
GCJ188R72A104KA01D
100 nF
C4
Murata
GCM32EL8EH106KA07
10 mF
C5
Murata
GCM32EL8EH106KA07
10 mF
C6
Murata
GCM32EL8EH106KA07
10 mF
C7
Murata
GCJ32DC72A475KE01L
4.7 mF
C8
Murata
GCM21BC72A105KE36L
1 mF
C9
Murata
GCM21BR71C475KA73L
4.7 mF
C10
Murata
GCM21BR71C475KA73L
4.7 mF
C11
Murata
GCJ32DC72A475KE01L
4.7 mF
C12
Murata
GCJ188R72A104KA01D
100 nF
C13
Murata
GCJ188R72A104KA01D
100 nF
C14
Murata
GCJ188R72A104KA01D
100 nF
C15
Murata
GCJ32DC72A475KE01L
4.7 mF
C16
Murata
GCJ32DC72A475KE01L
4.7 mF
C17
Murata
GCM21BC72A105KE36L
1 mF
C18
Murata
GCJ188R72A104KA01D
100 nF
C19
Murata
GCJ188R72A104KA01D
100 nF
C20
Murata
GCJ188R72A104KA01D
100 nF
C21
Murata
GCJ188R72A102KA01
1 nF
C22
Murata
GCJ188R72A104KA01D
100 nF
C23
Murata
GCJ188R72A104KA01D
100 nF
D1
onsemi
MM5Z20VT1
MM5Z15VT1G
D2
onsemi
NRVTS8100PFST3G
NRVTS8100PFST3G
M2
onsemi
NVTFS5116PLT
NVTFS5116PLTWG
U1
onsemi
NCV78514
NCV78514
M1
onsemi
NVTFS6H860NL
NVTFS6H860NL
L1
TDK
SPM7054VT − 100M−D
10 mH
L2
TDK
SPM4030VT−3R3−D
3.3 mH
L3
TDK
SPM4030VT−3R3−D
3.3 mH
R1
Vishay
MCT06030C2002FP5
20 kW
R2
Vishay
MCT06030C1002FP5
10 kW
R4
Vishay
MCT06030Z0000ZP5
0R − Optional
R5
Susumu
RL1632R−R100−F
R100
R6
Vishay
MCT0603PD1009DP5
100R − Optional
R7
Vishay
MCT06030Z0000ZP5
0R − Optional
R8
Vishay
MCT06030Z0000ZP5
0R − Optional
R9
Vishay
MCT06030Z0000ZP5
0R − Module Option
R10
Vishay
MCT06030Z0000ZP5
0R − NTC/PTC
R11
Vishay
MCT06030Z0000ZP5
0R − NTC/PTC
J_IN
Wurth
691709710303
Wurth Header 3
J_OUT_1
Molex
502352−0500
Molex Header 5
J_OUT_2
Wurth
691709710305
Wurth Header 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com