Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1632R-R100-F Datasheet(PDF) 11 Page - ON Semiconductor

Part # RL1632R-R100-F
Description  1-Channel Automotive LED Driver H−Bridge 1.5 A, 60 V − TSSOP16−EP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

RL1632R-R100-F Datasheet(HTML) 11 Page - ON Semiconductor

Back Button RL1632R-R100-F Datasheet HTML 7Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 8Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 9Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 10Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 11Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 12Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 13Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 14Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
NCV78514
www.onsemi.com
11
DCDC OFF
100 % Duty Cycle
ILED = ISET
AUTOMODE
Logarithmic rising
DIM = 1 for more P_DIM_DETECT
FADING_TIME elapsed
DIM = 0 longer than DIM_DETECT
AUTOMODE
Logarithmic falling
DIM=0 longer than DIM_DETECT
FADING_TIME elapsed
Digital mode
DCDC duty cycle =
DIM duty cycle
Linear transition
Rising or falling
FADING_TIME ratio
DIM = 100% duty cycle
DIM = Duty cycle
DIM = Valid Duty cycle
Valid Duty cycle change
Linear transition done
DIM = 0 for P_DIM_DETECT or
Figure 6. Dimming Modes Functional Flow Diagram
Important remark:
For EMC conductive emission performance, Pi filters
must be placed on:
 BAT line
 and recommended on the output of the DCDC
converter (after the Rsense resistor), in case of separate
module application.
The sizing of the Pi filters (please see the bill of material)
is done to achieve a good stability of the Buck − Boost.
Any other component choice will have an impact on the
turn on time in dimming mode, as for the duty cycle accuracy
(DIM_DC_ACC) or overall stability.
The turn on time in Normal Mode and DIM Mode are
respectively
FULL_STARTUP
and
DIMMING_STARTUP.
Upon removal of the DIM signal, the LED current is
turned off only after a delay of DIM_MISS.
LED CURRENT SETTING
RSET Pull Down
The LED current is set through the ISET pin, with
a pull−down resistor
.
Granularity of the current setting is achieved though the
resistor series choice and tolerance of them.
ILED (A) +
1000 (W @ A)
RSET (W)
) 0.1 (A)
(eq. 1)
For example, RSET = 1 k
W => 1.1 A.
The identification of the RSET is initiated by BAT >
P_UVLO_STARTING, rising edge.
During IC’s wake up time, a first read of RSET is
performed in order to provide current into LEDs within the
P_FULL_STARTUP. The RSET is continuously done
during P_SET_RSET to achieve the more accurate value in
this time frame. After this period, a value out of the
P_RSET_RANGE, longer than P_TIMEOUT_RSET is
considered as an out of range, and LED current is turned off.
A new power on reset sequence is then required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com