Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1632R-R100-F Datasheet(PDF) 17 Page - ON Semiconductor

Part # RL1632R-R100-F
Description  1-Channel Automotive LED Driver H−Bridge 1.5 A, 60 V − TSSOP16−EP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

RL1632R-R100-F Datasheet(HTML) 17 Page - ON Semiconductor

Back Button RL1632R-R100-F Datasheet HTML 13Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 14Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 15Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 16Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 17Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 18Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 19Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 20Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
NCV78514
www.onsemi.com
17
MAIN FUNCTIONAL STATE MACHINE
Figure 13. Functional State Machine
Initialization
Power ON Reset / VBAT Removal
OTP bits loading
Internal ref ok
AGND ground loss
check
Done
UVLO
No Fault
RSET reading
VDRV ON
WAIT
LEDs ON
VBAT OK
RSET in range
VDRV ok
DIM ON
FAULT
OVLO IN or (TSD+ No full derating)
No fault + 20 ms
STOP
AGND or (TSD+maxDerate) or
TCS error or VSET high out of range
From any states
RSET OOR or LED string short
LED string open
COMPONENT LEVEL ELECTROMAGNETIC
COMPATIBILITY (EMC)
EMC is a critical item in automotive systems. onsemi
commits to cooperate technically with the customer to target
to build an integrated circuit which is sufficiently
EMC−robust in the application environment of the
customer.
To make the application successful for EMC, following
items need to be taken into account, explicitly, during the
concept phase:
 onsemi is specialized in IC design and IC manufacturing,
but cannot be considered as expert in the automotive
IC−application.
The
know
how
on
application−level−EMC needs to be provided by the
customer.
 The customer needs to inform onsemi explicitly during
the concept phase about any EMC item which is
considered as critical for the application and which may
be of importance for the IC design.
If the customer is aware about any potential particular
EMC marginalities or any potential EMC issues – for
example from experience with previous generations of
the particular application – , which may have an impact
on the IC design, they need to inform onsemi explicitly
(beyond general wordings or general frame
agreements) during the concept phase about the
associated EMC risks.
In case there are particular EMC requirements
embedded in the IC requirement spec, these need to be
explicitly flagged by the customer, discussed
explicitly with onsemi, and mutually agreed during
the concept phase.
EMC items which turn out to be critical in a later phase
of the project and have impact on the IC design cannot
be considered as implicitly agreed if they have not
been explicitly discussed and documented in writing
(somehow) during the concept phase.
 Proposals for solutions in the IC design to address the
critical EMC items for the application need to be
discussed explicitly and documented in writing during the
concept phase.
 It needs to be well understood that external components
may eventually be necessary to meet the application’s
EMC requirements.
In case of lack of discussion or documentation during
the concept phase of an item which turns out later to be
EMC−critical, it cannot be implicitly assumed that the
IC can meet all application−level−EMC−requirements
without the help of external components.
 For proper design and validation by onsemi, it is
important that realistic “conductive” EMC performance
targets are agreed during the concept phase.
On IC−level, only conductive requirements (DPI
levels for susceptibility, emission levels to be verified
with
conductive
150 Ohm
method
ref.
IEC−62132−4/IEC−61967−4) can be taken into
account for the IC design by onsemi.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com