Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1632R-R100-F Datasheet(PDF) 12 Page - ON Semiconductor

Part # RL1632R-R100-F
Description  1-Channel Automotive LED Driver H−Bridge 1.5 A, 60 V − TSSOP16−EP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

RL1632R-R100-F Datasheet(HTML) 12 Page - ON Semiconductor

Back Button RL1632R-R100-F Datasheet HTML 8Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 9Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 10Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 11Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 12Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 13Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 14Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 15Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
NCV78514
www.onsemi.com
12
UVLO
Automatic restart
OOR
OORbar
P_SET_RSET timer elapsed
Wake up
DCDC OFF
Start P_SET_RSET
timer
Read RSET before
Start up during
P_FULL_STARTUP
RSET Valid
ISET = 10e6/RSET +
100 mA
RSET update if > 5
DAC LSB
Stop RSET update
Out of range
Start
P_TIMEOUT_RSET
From any state
VBAT valid
No error
P_TIMEOUT_RSET elapsed
& ( DIM = 1 or P_SET_RSET)
Figure 7. Flow Diagram of the R_COD Identification
LED CURRENT DERATING MANAGEMENT
To limit overheating of the IC an ILED current de−rating
mechanism is managed by the controller itself. The different
de−rate mechanisms are described below.
When two or more derating mechanisms are active, the
one which derates more is applied to ILED current.
Both BAT pin, TCS pin and internal junction temperature
sensor are monitored by integrated ADC.
Battery cranking
In case of a low Battery voltage (BAT pin), the LED
current is gradually decreased. In order to avoid glare and
flickering, the duration of the current derating is set at
P_DTC_BAT. A violent battery crancking, can trigger Ipeak
protection. The input current and output power are then
limited by the IPEAK clamp. The current derating will take
hand if the BAT voltage continues to decrease down to the
undervoltage comparator. No error is reported on DIM pin
in case of IPEAK event
Figure 8. Current Derating, Battery Voltage
T (ms)
P_BAT_LOW
ISET
P_UVLO_operating
BAT (V)
T (ms)
P_IPEAK
LED Current (A)
BAT Current (A)
P_DTC_BAT
T (ms)
P_DEB_BAT
P_DEB_BAT
0.6 x ISET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com