Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1632R-R100-F Datasheet(PDF) 2 Page - ON Semiconductor

Part # RL1632R-R100-F
Description  1-Channel Automotive LED Driver H−Bridge 1.5 A, 60 V − TSSOP16−EP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

RL1632R-R100-F Datasheet(HTML) 2 Page - ON Semiconductor

  RL1632R-R100-F Datasheet HTML 1Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 2Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 3Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 4Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 5Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 6Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 7Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 8Page - ON Semiconductor RL1632R-R100-F Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
NCV78514
www.onsemi.com
2
FUNCTIONAL BLOCK DIAGRAM
Figure 2. Block Diagram
Q1
Q2
Drv
Drv
3V3
CBOOT
SW
PGND
3V3
DIM
BAT
Amp
Buck-Boost
Controller
3V3
3V3
Dimming Generator
SNSP
VOUT_L
+
-
Exp
LSSG
TCS
ISET
DIAG
Control
Logic Control
Oscillator
VDD
VDRV
LDO
VDRV
Drv
VDRV
RSV
VOUT_H
+
-
+
-
SNSN
ADC
BAT
PTC
TJ
ISET
ADC
3V3
AGND
PGND
ADC
IPEAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com