Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S2X Datasheet(PDF) 16 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 12Page - NXP Semiconductors LPC55S2X Datasheet HTML 13Page - NXP Semiconductors LPC55S2X Datasheet HTML 14Page - NXP Semiconductors LPC55S2X Datasheet HTML 15Page - NXP Semiconductors LPC55S2X Datasheet HTML 16Page - NXP Semiconductors LPC55S2X Datasheet HTML 17Page - NXP Semiconductors LPC55S2X Datasheet HTML 18Page - NXP Semiconductors LPC55S2X Datasheet HTML 19Page - NXP Semiconductors LPC55S2X Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
Symbol
59 pin
VFBGA
64 pin
HTQFP
98 pin
VFBGA
100 pin
HLQFP
Reset
state
[1]
Type Function
#
Description
Reserved.
I/O 10
SEC_PIO0_11
Secure GPIO pin.
I/O;
AI
0
PIO0_12/ADC0_10
General-purpose digital input/output pin.
ADC single ended input channel 2B - CH2B.
Can optionally be paired with CH2A as the
negative differential input on ADC1 channel
2.
I/O 1
FC3_TXD_SCL_MISO_WS
Flexcomm 3: USART transmitter, I2C clock,
SPI master-in/slave-out data I/O, I2S word-
select/frame.
O
2
SD1_BACKEND_PWR
SD/MMC 1 back-end power supply for
embedded device.
I
3
FREQME_GPIO_CLK_B
Frequency Measure pin clock input B.
I
4
SCT0_GPI7
Pin input 7 to SCTimer/PWM.
O
5
SD0_POW_EN
SD/MMC 0 card power enable.
I/O 6
SWDIO
Serial Wire Debug I/O. This is the default
function after booting.
I/O 7
FC6_TXD_SCL_MISO_WS
Flexcomm 6: USART transmitter, I2C clock,
SPI master-in/slave-out data I/O, I2S word-
select/frame.
8
R
Reserved.
9
R
Reserved.
PIO0_12/
ADC0_10
C2
5
E2
12
[2]
PU
I/O 10
SEC_PIO0_12
Secure GPIO pin.
I/O 0
PIO0_13
General-purpose digital input/output pin.
Remark: In ISP mode, this pin is set to the
Flexcomm 1 I2C SDA function.
I/O 1
FC1_CTS_SDA_SSEL0
Flexcomm 1: USART clear-to-send, I2C data
I/O, SPI Slave Select 0.
PIO0_13
D9
46
C12
71
[5]
Z
I
2
UTICK_CAP0
Table 3. Pin description...continued
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
16 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com