Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S2X Datasheet(PDF) 43 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 39Page - NXP Semiconductors LPC55S2X Datasheet HTML 40Page - NXP Semiconductors LPC55S2X Datasheet HTML 41Page - NXP Semiconductors LPC55S2X Datasheet HTML 42Page - NXP Semiconductors LPC55S2X Datasheet HTML 43Page - NXP Semiconductors LPC55S2X Datasheet HTML 44Page - NXP Semiconductors LPC55S2X Datasheet HTML 45Page - NXP Semiconductors LPC55S2X Datasheet HTML 46Page - NXP Semiconductors LPC55S2X Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
Symbol
59 pin
VFBGA
64 pin
HTQFP
98 pin
VFBGA
100 pin
HLQFP
Reset
state
[1]
Type Function
#
Description
General-purpose digital input/output pin.
I/O 1
MCLK
MCLK input or output for I2S.
O
2
SD1_CLK
SD/MMC 1 card clock.
O
3
CTIMER0_MAT2
32-bit CTimer0 match output 2.
O
4
SCT0_OUT6
SCTimer/PWM output 6.
5
R
Reserved.
6
R
Reserved.
I
7
PLU_INPUT0
PLU input 0.
8
R
Reserved.
FB
-
29
N9
45
-
-
Feedback node (regulated output) of DCDC
converter.
LX
H6
31
N11
48
-
-
DCDC converter power stage output.
RESETN
H2
21
J6
32
[7]
-
I
External reset input: A LOW on this pin
resets the device, causing I/O ports and
peripherals to take on their default states,
and the boot code to execute. Wakes up the
part from deep power-down mode.
USB0_3V3 -
61
A3
96
-
-
USB0 analog 3.3 V supply.
USB0_DM -
63
A1
98
[8][6]
I/O
USB0 bidirectional D- line.
USB0_DP -
62
A2
97
[8][6]
I/O
USB0 bidirectional D+ line.
USB0_
VSS
-
64
B1
99
USB0 analog 3.3 V ground.
USB1_DM J4
24
N6
35
[8][6]
I/O
USB1 bidirectional D- line.
USB1_DP H4
23
M6
34
[8][6]
I/O
USB1 bidirectional D+ line.
USB1_
VBUS
G4
25
N8
36
[8][6]
I
VBUS pin (power on USB cable).
USB1_3V3 G5
27
N7
38
[9]
-
-
USB1 analog 3.3 V supply.
USB1_
VSS
H3
22;26
N5
33; 37
-
-
USB1 analog 3.3 V ground.
VBAT_
DCDC
H7
32
N13
49, 50
[6]
-
-
Supply of DCDC output stage. DCDC core
supply (references and regulation stages).
VBAT_
PMU
H8
33
M13
51
[10]
-
-
Analog supply.
Table 3. Pin description...continued
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
43 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com