Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S2X Datasheet(PDF) 44 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 40Page - NXP Semiconductors LPC55S2X Datasheet HTML 41Page - NXP Semiconductors LPC55S2X Datasheet HTML 42Page - NXP Semiconductors LPC55S2X Datasheet HTML 43Page - NXP Semiconductors LPC55S2X Datasheet HTML 44Page - NXP Semiconductors LPC55S2X Datasheet HTML 45Page - NXP Semiconductors LPC55S2X Datasheet HTML 46Page - NXP Semiconductors LPC55S2X Datasheet HTML 47Page - NXP Semiconductors LPC55S2X Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
Symbol
59 pin
VFBGA
64 pin
HTQFP
98 pin
VFBGA
100 pin
HLQFP
Reset
state
[1]
Type Function
#
Description
VDD
F5;
E5;
D5;
8; 16;
43; 54
M1;
A5;
A9;
A13
15; 25;
44; 63;
69;75;
84; 95;
100
-
-
Single 1.8 V to 3.6 V power supply powers I/
Os.
VDD_PMU G6
28
M9
39
-
-
Core supply. For applications with DCDC
converter, VDD_PMU and FB are tied at
PCB level.
VDDA
D3
9
G2
16
-
-
Analog supply voltage. At PCB level, has to
be tied to main supply (VBAT_PMU, VBAT_
DCDC)
VREFN
-
-
H1
18
-
-
ADC negative reference voltage.
VREFP
-
10
G1
17
-
-
ADC positive reference voltage.
VSS
D4;
D6;
F4;
F6
exposed
pad
N1;
B5;
B9;
B13
exposed
pad
-
-
Ground.
VSS_
DCDC
J6
30
N12,
M12
46, 47
-
-
Star ground connection is managed to PCB
ground plane.
VSS_PMU -
-
M11
-
-
-
Star ground connection is managed to PCB
ground plane.
VSSA
E3
11
H2
19
-
-
Analog ground.
XTAL32K_
N
-
35
J12
53
[11]
-
-
RTC oscillator output.
XTAL32K_
P
-
34
J13
52
[11]
-
-
RTC oscillator input.
XTAL32M_
N
J1
19
M3
28
[12]
-
-
Main oscillator output. For USB HS ISP
mode, 16 MHz crystal is required.
XTAL32M_
P
J2
20
N3
29
[12]
-
-
Main oscillator input. For USB HS ISP mode,
16 MHz crystal is required.
Table 3. Pin description...continued
[1]
PU = input mode, pull-up enabled (pull-up resistor pulls pin up towards VDD). PD = input mode, pull-down enabled (pull-down resistor pulls pin down
towards VSS). Z = high impedance; pull-up, pull-down, and input disabled. AI = analog input. I = input. O = output. I/O = input/output. Reset state reflects
the pin state at reset without boot code operation. For termination on unused pins, see Section 6.1.1"Termination of unused pins".
[2]
Pin providing standard digital I/O functions with configurable modes, configurable hysteresis, and analog input. When configured as an analog input, the
digital section of the pin is disabled.
[3]
Pad provides digital I/O functions with TTL levels and hysteresis; normal drive strength.
[4]
The JTAG functions TRST, TCK, TMS, TDI, and TDO are selected by hardware when the part is in boundary scan mode. The JTAG functions cannot be
used for debug mode.
[5]
True open-drain pin. I2C-bus pins compliant with the I2C-bus specification for I2C standard mode, I2C Fast-mode, and I2C Fast-mode Plus. The pin
requires an external pull-up to provide output functionality. When power is switched off, this pin is floating and does not disturb the I2C lines. Open-drain
configuration applies to all functions on this pin. Includes a filter that can be selectively disabled by setting the FILTEROFF bit. The filter suppresses input
pulses smaller than about 3 ns in GPIO mode and smaller than about 3 ns in GPIO mode and smaller than 10 ns or 50 ns in I2C mode, depending on the
value of I2CFILTER field.
[6]
The corresponding VBUS must be connected to supply voltage when using the USB peripheral. USB0_VBUS is not 5 V tolerant pin and is tolerant up to
3.6 V only when the VDD is at operating level (minimum: 1.8 V). USB1_VBUS is 5 V tolerant pin regardless if the VDD supply is present or not.
[7]
Reset pad with glitch filter and hysteresis. Pulse width of spikes or glitches suppressed by input filter is from 3 ns to
20 ns (simulated value)
[8]
Transparent analog pad.
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
44 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com