Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S2X Datasheet(PDF) 75 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 71Page - NXP Semiconductors LPC55S2X Datasheet HTML 72Page - NXP Semiconductors LPC55S2X Datasheet HTML 73Page - NXP Semiconductors LPC55S2X Datasheet HTML 74Page - NXP Semiconductors LPC55S2X Datasheet HTML 75Page - NXP Semiconductors LPC55S2X Datasheet HTML 76Page - NXP Semiconductors LPC55S2X Datasheet HTML 77Page - NXP Semiconductors LPC55S2X Datasheet HTML 78Page - NXP Semiconductors LPC55S2X Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
Tamb = -40 °C to +105 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[2]
Typ[3] Max
Unit
CCLK = 96 MHz; 8 system clock
flash access time, Tamb = 85°C
[4][5][6]
-
4.1
7
-
mA
CCLK = 96 MHz; 8 system clock
flash access time, Tamb = 105°C [4][5][6]
-
4.8
7.6
-
mA
Table 16. Static characteristics: Power consumption in active mode [1]...continued
[1]
For device revision 1B, power library in SDK sets the DCDC output based on the frequency selected. For frequencies 100 MHz or below, DCDC output
is set between 1.0 V to 1.075 V. Frequencies between 101 MHz to 130 MHz, DCDC output is set between 1.025 V to 1.150 V, and for frequencies above
130 MHz, DCDC output is set between 1.050 V to 1.2 V. For device revision 0A, the default typical DCDC output is 1.1 V and for device revision 1B, the
typical default DCDC output is 1.0 V.
[2]
Typical ratings are not guaranteed. Typical values listed are at room temperature (25 °C). Characterized through bench measurements using typical
samples.
[3]
Typical ratings are not guaranteed. Typical values listed are at room temperature (25 C). Characterized through bench measurements using typical
samples. VBAT_PMU = VBAT_DCDC = VDD = 1.8 V
[4]
Clock source FRO. PLL disabled
[5]
Compiler settings: IAR v.8.20.2., optimization level 0, optimized for time off.
[6]
See the FLASHCFG register in the LPC55S2x/LPC552x User Manual for system clock flash access time settings. Power Library in SDK sets the flash
wait states based on the frequency selected.
Tamb = -40 °C to +105 °C, unless otherwise specified. VBAT_PMU = VBAT_DCDC = VDD = 3.0 V
Symbol
Parameter
Conditions
Min
Typ[2]
Max
Unit
ARM Cortex-M33 in active mode
IDD
supply current
CoreMark code executed from
SRAMX; flash powered down
CCLK = 1 MHz, Tamb = 25 °C
[3][4]
-
0.8
-
mA
CCLK = 16 MHz, Tamb = 25 °C
[4][5]
-
1.1
-
mA
IDD
supply current
CoreMark code executed from flash;
CCLK = 1 MHz, 1 system clock
flash access time, Tamb = 25 °C
[3][4][6]
-
0.9
-
mA
CCLK = 12 MHz, 2 system clock
flash access time, Tamb = 25 °C
[4][5][6]
-
1.2
-
mA
Table 17. Static characteristics: Power consumption in active mode [1]
[1]
For device revision 1B, power library in SDK sets the DCDC output based on the frequency selected. For frequencies 100 MHz or below, DCDC output
is set between 1.0 V to 1.075 V. Frequencies between 101 MHz to 130 MHz, DCDC output is set between 1.025 V to 1.150 V, and for frequencies above
130 MHz, DCDC output is set between 1.050 V to 1.2 V. For device revision 0A, the default typical DCDC output is 1.1 V and for device revision 1B, the
typical default DCDC output is 1.0 V.
[2]
Typical ratings are not guaranteed. Typical values listed are at room temperature (25 °C). Characterized through bench measurements using typical
samples.
[3]
Clock source FRO. System Oscillator disabled. PLL disabled
[4]
Compiler settings: IAR v.8.20.2., optimization level 0, optimized for time off.
[5]
System Oscillator enabled. FRO disabled. PLL disabled.
[6]
See the FLASHCFG register in the LPC55S6x/LPC55S2x User Manual for system clock flash access time settings. Power Library in SDK sets the flash
wait states based on the frequency selected.
Tamb = -40 °C to +105 °C, unless otherwise specified. VBAT_PMU = VBAT_DCDC = VDD = 3.0 V
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
ARM Cortex-M33 in sleep mode
IDD
supply current
CCLK = 12 MHz, PLL disabled
[2][3]
-
0.7
-
mA
Table 18. Static characteristics: Power consumption in sleep mode
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
75 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com