Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S2X Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC55S2X Datasheet HTML 1Page - NXP Semiconductors LPC55S2X Datasheet HTML 2Page - NXP Semiconductors LPC55S2X Datasheet HTML 3Page - NXP Semiconductors LPC55S2X Datasheet HTML 4Page - NXP Semiconductors LPC55S2X Datasheet HTML 5Page - NXP Semiconductors LPC55S2X Datasheet HTML 6Page - NXP Semiconductors LPC55S2X Datasheet HTML 7Page - NXP Semiconductors LPC55S2X Datasheet HTML 8Page - NXP Semiconductors LPC55S2X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
– ROM API functions: Flash programming API, Power control API, and Secure firmware update API using
NXP Secure Boot file format, version 2.0 (SB2 files).
– Supports booting of images from PRINCE encrypted flash regions.
– Support NXP Debug Authentication Protocol version 1.0 (RSA-2048) and 1.1 (RSA-4096).
– Supports setting a sealed part to Fault Analysis mode through Debug authentication.
• Secure Boot support:
– Uses RSASSA-PKCS1-v1_5 signature of SHA256 digest as cryptographic signature verification.
– Supports RSA-2048 bit public keys (2048 bit modulus, 32-bit exponent).
– Supports RSA-4096 bit public keys (4096 bit modulus, 32-bit exponent).
– Uses x509 certificate format to validate image public keys.
– Supports up to four revocable Root of Trust (RoT) or Certificate Authority keys, Root of Trust establishment
by storing the SHA-256 hash digest of the hashes of four RoT public keys in protected flash region (PFR).
– Supports anti-rollback feature using image key revocation and supports up to 16 Image key certificates
revocations using Serial Number field in x509 certificate.
• Serial interfaces:
– Flexcomm Interface contains up to nine serial peripherals (Flexcomm Interface 0-7 and Flexcomm Interface
8). Each Flexcomm Interface (except flexcomm 8, which is dedicated for high-speed SPI) can be selected
by software to be a USART, SPI, I2C, and I2S interface. Each Flexcomm Interface includes a FIFO that
supports USART, SPI, and I2S. A variety of clocking options are available to each Flexcomm Interface,
including a shared fractional baud-rate generator, and time-out feature.Flexcomm interfaces 0 to 7 each
provide one channel pair of I2S.
– I2C-bus interfaces support Fast-mode and Fast-mode Plus with data rates of up to 1Mbit/s and with multiple
address recognition and monitor mode. Two sets of true I2C pads also support high-speed Mode (3.4 Mbit/s)
as a slave.
– USB 2.0 full speed host/device controller with on-chip PHY and dedicated DMA controller supporting crystal-
less operation in device mode using software library example in technical note (TN00063).
– USB 2.0 high-speed host/device controller with on-chip high-speed PHY.
• Digital peripherals:
– DMA0 controller with 23 channels and up to 22 programmable triggers, able to access all memories and
DMA-capable peripherals.
– DMA1 controller with 10 channels and up to 15 programmable triggers, able to access all memories and
DMA-capable peripherals.
– Secured digital input/output (SD/MMC and SDIO) card interface with DMA support. SDIO with support for up
to two cards. Supported card types are MMC, SDIO, and CE-ATA. Supports SD2.0, and SDR25 (52MHz).
– CRC engine block can calculate a CRC on supplied data using one of three standard polynomials with DMA
support.
– Up to 64 General-Purpose Input/Output (GPIO) pins.
– GPIO registers are located on the AHB for fast access. The DMA supports GPIO ports.
– Up to eight GPIOs can be selected as pin interrupts (PINT), triggered by rising,
falling or both input edges.
– Two GPIO grouped interrupts (GINT) enable an interrupt based on a logical
(AND/OR) combination of input states.
– I/O pin configuration with support for up to 16 function options.
– Programmable Logic Unit (PLU) to create small combinatorial and/or sequential logic networks including
state machines.
• Security Features:
– AES-256 encryption/decryption engine with keys fed directly from PUF or a software supplied key
– Secure Hash Algorithm (SHA2) module supports secure boot with dedicated DMA controller.
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
2 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com