Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S2X Datasheet(PDF) 96 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 92Page - NXP Semiconductors LPC55S2X Datasheet HTML 93Page - NXP Semiconductors LPC55S2X Datasheet HTML 94Page - NXP Semiconductors LPC55S2X Datasheet HTML 95Page - NXP Semiconductors LPC55S2X Datasheet HTML 96Page - NXP Semiconductors LPC55S2X Datasheet HTML 97Page - NXP Semiconductors LPC55S2X Datasheet HTML 98Page - NXP Semiconductors LPC55S2X Datasheet HTML 99Page - NXP Semiconductors LPC55S2X Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
Tamb = -40 °C to +105 °C; VDDA = 1.8 V to 3.6 V; ADC calibrated at T = 25 °C.
Symbol
Parameter
Conditions
Min[1]
Typ[1]
Max[1]
Unit
16-bit differential mode,
CTYPE = 2
[3][1][4][5][6] -0.99
-
2.6
LSB
ED
differential
linearity error
16-bit single ended mode,
CTYPE = 1
[3][1][4][5][6] -1
+9.5
LSB
16-bit differential mode,
CTYPE = 2
[3][1][4][5][7] -16
-
+16
LSB
EL(adj)
integral non-
linearity
16-bit single ended mode,
CTYPE = 1
[3][1][4][5][7] -12
-
+12
LSB
EO
offset error
uncalibrated
[3][8] -
2.3
-
mV
Verr(FS)
full-scale error
voltage
uncalibrated
[3][9] -
24
-
LSB
16-bit differential mode,
CTYPE = 2
[10] -
12.6
-
bits
ENOB
[L:] Effective
number of bits
16-bit single ended mode,
CTYPE = 1
[10] -
12.0
-
bits
16-bit differential mode,
CTYPE = 2
[10] -
-85
-
dB
THD
[L:] Total
Harmonic
Distortion
16-bit single ended mode,
CTYPE = 1
[10] -
-85
-
dB
16-bit differential mode,
CTYPE = 2
[10] -
86
-
dB
SFDR
[L:] Spurious Free
Dynamic Range
16-bit single ended mode,
CTYPE = 1
[10] -
82
-
dB
tADCSTUP Analog startup
time
Wait time after setting
ADC_CTRL[ADCEN] [10]
[11] -
5
-
us
Table 41. 16-bit ADC static characteristics...continued
[1]
The values listed are typical values and are not guaranteed. Based on characterization. Not tested in production. If VREFP is less than VDDA, then
voltage inputs greater than VREFP and less than VDDA are allowed but result in a full scale conversion result.
[2]
To use temperature sensor, the maximum fclk(ADC) frequency is 6 MHz.
[3]
Linear data collected using a linear histogram technique.
[4]
fclk(ADC) = 24 MHz, STS = 3, Power select = 1, Average setting = 1, fs = 1 Msample/s
[5]
Differential linear results assume offset 0.2% from VREFL and 0.2% from VREFH
[6]
The differential linearity error (ED) is the difference between the actual step width and the ideal step width.
[7]
The integral non-linearity (EL(adj)) is the peak difference between the center of the steps of the actual and the ideal transfer curve after appropriate
adjustment of gain and offset errors.
[8]
The offset error (EO) is the absolute difference between the straight line which fits the actual curve and the straight line which fits the ideal curve. For best
performance, force the offset calibration to -16. Set this prior to performing the gain calibration.
[9]
The full-scale error voltage or gain error (EG) is the difference between the straight-line fitting the actual transfer curve after removing offset error, and the
straight line which fits the ideal transfer curve.
[10] Input data is 1kHz sine wave, ADC conversion clock 24 MHz, Power Select = 3, Average setting = 4.
[11] Value of ADC_CFG[PUDLY] * 4 * ADCclk must be > tADCSTUP.
12.2.1 ADC input resistance (Please refer to the ADC Inputs Selection & ADC programming
table in the UM)
Tamb = -40 °C to +105 °C
Min
Typ
Max
Unit
RI
Input resistance
Table 42. ADC input resistance
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
96 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com