Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S2X Datasheet(PDF) 52 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 48Page - NXP Semiconductors LPC55S2X Datasheet HTML 49Page - NXP Semiconductors LPC55S2X Datasheet HTML 50Page - NXP Semiconductors LPC55S2X Datasheet HTML 51Page - NXP Semiconductors LPC55S2X Datasheet HTML 52Page - NXP Semiconductors LPC55S2X Datasheet HTML 53Page - NXP Semiconductors LPC55S2X Datasheet HTML 54Page - NXP Semiconductors LPC55S2X Datasheet HTML 55Page - NXP Semiconductors LPC55S2X Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
Internal low power oscillator (FRO 1 MHz). The FRO is trimmed to +/- 15% accuracy over the entire voltage
and temperature range.
• Crystal oscillator with an operating frequency of 16 MHz to 32 MHz. Option for external clock input (bypass
mode) for clock frequencies of up to 25 MHz.
Crystal oscillator with 32.768 KHz operating frequency. Option for external clock input (bypass mode) for clock
frequencies of up to 100 kHz.
• Each crystal oscillator has one embedded capacitor bank which can be used as an integrated load capacitor.
Using APIs, the capacitor banks on each crystal pin can tune the frequency for crystals with a Capacitive Load
(CL) which conserves board space and reduces costs.
7.19.2 PLL (PLL0 and PLL1)
PLL0 and PLL1 allows CPU operation up to the maximum CPU rate without the need for a high-frequency
external clock. PLL0 and PLL1 can run from the internal FRO 12 MHz output, the external oscillator, internal
FRO 1 MHz output, or the 32.768 KHz RTC oscillator.
The system PLL accepts an input clock frequency in the range of 2 kHz - 150 MHz. The input frequency is
multiplied up to a high frequency with a Current Controlled Oscillator (CCO). The PLL can be enabled or
disabled by software.
7.19.3 Clock generation
The system control block facilitates the clock generation. Many clocking variations are possible. Figure 7 gives
an overview of potential clock options. Table 9 describes signals on the clocking diagram. The maximum clock
frequency is 150 MHz.
Remark: The indicated clock multiplexers shown in Figure 7 are synchronized. In order to operate, the currently
selected clock must be running, and the clock to be switched to must also be running. This is so that the
multiplexer can gracefully switch between the two clocks without glitches. Other clock multiplexers are not
synchronized. The output divider can be stopped and restarted gracefully during switching if a glitch-free output
is needed.
The low-power oscillator provides a frequency in the range of 1 MHz. The accuracy of this clock is limited to
+/- 15% over temperature, voltage, and silicon processing variations after trimming made during assembly. To
determine the actual watchdog oscillator output, use the frequency measure block.
The part contains one system PLL that can be configured to use a number of clock inputs and produce an
output clock in the range of 1.2 MHz up to the maximum chip frequency, and can be used to run most on-chip
functions. The output of the PLL can be monitored through the CLKOUT pin.
Name
Description
32k_osc The 32 kHz output of the RTC oscillator. The 32 kHz clock must be enabled in the RTCOSCCTRL register.
clk_in
This is the internal clock that comes from the external oscillator.
frg_clk
The output of each Fractional Rate Generator to Flexcomm clock. Each FRG and its source selection is shown
in Figure 7.
fro_12m 12 MHz divided down from the currently selected on-chip FRO oscillator.
fro_hf
The currently selected FRO high speed output at 96 MHz.
main_clk The main clock used by the CPU and AHB bus, and potentially many others. The main clock and its source
selection are shown in Figure 7.
mclk_in The MCLK input function, when it is connected to a pin by selecting it in the IOCON block.
pll0_clk The output of the PLL0. The PLL0 and its source selection is shown in Figure 7.
Table 9. Clocking diagram signal name descriptions
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
52 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com