Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S2X Datasheet(PDF) 64 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 60Page - NXP Semiconductors LPC55S2X Datasheet HTML 61Page - NXP Semiconductors LPC55S2X Datasheet HTML 62Page - NXP Semiconductors LPC55S2X Datasheet HTML 63Page - NXP Semiconductors LPC55S2X Datasheet HTML 64Page - NXP Semiconductors LPC55S2X Datasheet HTML 65Page - NXP Semiconductors LPC55S2X Datasheet HTML 66Page - NXP Semiconductors LPC55S2X Datasheet HTML 67Page - NXP Semiconductors LPC55S2X Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
7.25.4 RTC timer
The RTC block to count seconds and generate an alarm interrupt to the processor whenever the counter value
equals the value programmed into the associated 32-bit match register.
7.25.4.1 Features
• The RTC oscillator has the following clock outputs: 32.768 kHz clock (named as 32 kHz clock in rest of this
chapter) 32 kHz clock, selectable for system clock and CLKOUT pin, 1 Hz clock for RTC timing, and 1024 Hz
clock (named as 1 kHz clock in rest of this chapter) for high-resolution RTC timing.
• 32-bit, 1 Hz RTC counter and associated match register for alarm generation.
• 15-bit, 32KHz sub-second counter.
• Separate 16-bit high-resolution/wake-up timer clocked at 1 kHz for 1 ms resolution with a more that one
minute maximum time-out period.
• RTC alarm and high-resolution/wake-up timer time-out each generate independent interrupt requests that go
to one NVIC channel. Either time-out can wake up the part from any of the low power modes, including deep
power-down.
• Eight 32-bit general purpose registers can retain data in deep power-down. These registers are reset only on
software reset of the RTC.
7.25.5 Multi-Rate Timer (MRT)
The Multi-Rate Timer (MRT) provides a repetitive interrupt timer with four channels. Each channel can be
programmed with an independent time interval, and each channel operates independently from the other
channels.
7.25.5.1 Features
• 24-bit interrupt timer.
• Four channels independently counting down from individually set values.
• Repeat interrupt, one-shot interrupt, and one-shot bus stall modes.
7.25.6 OS Timer
42-bit free running timer with individual match/capture and interrupt generation logic used as continuous time-
base for the system, available in any reduced power modes. It runs on 32kHz clock source, allowing a count
period of more than 4 years.
7.25.6.1 Features
• Central 42-bit, free-running gray-code event/timestamp timer.
Match registers compared to the main counter to generate an interrupt and/or wake-up event.
• Capture registers triggered by CPU command, readable via the AHB/IPS bus.
• APB interface for register access.
• IRQ and wake-up.
• Reads of gray-encoded timers are accomplished with no synchronization latency.
7.25.7 Micro-tick timer (UTICK)
The ultra-low power Micro-tick Timer, running from the Watchdog oscillator, can be used to wake up the device
from sleep and deep-sleep modes.
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
64 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com