Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S2X Datasheet(PDF) 76 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 72Page - NXP Semiconductors LPC55S2X Datasheet HTML 73Page - NXP Semiconductors LPC55S2X Datasheet HTML 74Page - NXP Semiconductors LPC55S2X Datasheet HTML 75Page - NXP Semiconductors LPC55S2X Datasheet HTML 76Page - NXP Semiconductors LPC55S2X Datasheet HTML 77Page - NXP Semiconductors LPC55S2X Datasheet HTML 78Page - NXP Semiconductors LPC55S2X Datasheet HTML 79Page - NXP Semiconductors LPC55S2X Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
Tamb = -40 °C to +105 °C, unless otherwise specified. VBAT_PMU = VBAT_DCDC = VDD = 3.0 V
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
CCLK = 96 MHz, PLL disabled
[3]
-
2.7
-
mA
Table 18. Static characteristics: Power consumption in sleep mode...continued
[1]
Typical ratings are not guaranteed. Typical values listed are at room temperature (25 °C).
[2]
Typical ratings are not guaranteed. Typical values listed are at room temperature (25 °C). Characterized through bench measurements using typical
samples.
[3]
Clock source FRO. PLL disabled
Tamb = -40 °C to +105 °C; unless otherwise specified. IDD is total current from VBAT_DCDC, VBAT_PMU, VDDA, and VDD
supply domains. VSUPPLY = VBAT_DCDC + VBAT_PMU + VDDA + VDD
Symbol Parameter
Conditions
Min
Typ[1]
Max[2]
Unit
IDD
supply current
Deep-sleep mode; all SRAM on
Tamb = 25 °C, VSUPPLY = 3.0 v
[3]
-
110
135
μA
Tamb = 25 °C, VSUPPLY = 1.8 v
[3] -
148
191
μA
Tamb = 105 °C, VSUPPLY = 1.8 v
[3] -
-
1850
μA
Power-down mode.
[3]
SRAM_X2 (4 KB) powered
Tamb = 25 °C, VSUPPLY = 3.0 v
-
3.9
4.5
μA
SRAM_X2 (4 KB) powered
Tamb = 105 °C, VSUPPLY = 3.0 v
-
-
85
μA
SRAM_X2 and SRAM_X3 (8 KB) powered
Tamb = 25 °C, VSUPPLY = 3.0 v
-
4.0
-
μA
256 KB full retention
Tamb = 25 °C, VSUPPLY = 3.0 v
-
14
18
μA
256 KB full retention
Tamb = 105 °C, VSUPPLY = 3.0 v
-
-
480
μA
SRAM_X2 (4 KB) powered
Tamb = 25 °C, VSUPPLY = 3.0 v
USART3 enabled as wake-up source
-
4.2
-
μA
SRAM_X2 (4 KB) powered
Tamb = 25 °C, VSUPPLY = 3.0 v
OSTIMER enabled as wake-up source
-
4.1
-
μA
Deep power-down mode;
RTC oscillator input grounded (RTC
oscillator disabled, 4 KB SRAM powered)
Tamb = 25 °C, VSUPPLY= 3.0 v
[3]
-
590
750
nA
Deep power-down mode;
RTC oscillator input grounded (RTC
oscillator disabled, 4 KB SRAM powered)
Tamb = 105 °C, VSUPPLY= 3.0 v
[3]
-
-
15
μA
RTC oscillator running with external crystal
(4 KB SRAM powered)
-
790
-
nA
Table 19. Static characteristics: Power consumption in deep-sleep, power-down, and deep power-down
modes
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
76 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com