Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S2X Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC55S2X Datasheet HTML 1Page - NXP Semiconductors LPC55S2X Datasheet HTML 2Page - NXP Semiconductors LPC55S2X Datasheet HTML 3Page - NXP Semiconductors LPC55S2X Datasheet HTML 4Page - NXP Semiconductors LPC55S2X Datasheet HTML 5Page - NXP Semiconductors LPC55S2X Datasheet HTML 6Page - NXP Semiconductors LPC55S2X Datasheet HTML 7Page - NXP Semiconductors LPC55S2X Datasheet HTML 8Page - NXP Semiconductors LPC55S2X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 132 page
background image
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
Rev. 2.3 — 29 August 2024
Data sheet
1 General description
The LPC55S2x/LPC552x is an ARM Cortex-M33 based microcontroller for embedded applications. These
devices include a CASPER Crypto/FFT engine, up to 256 KB of on-chip SRAM, up to 512 KB on-chip flash,
PRINCE module for on-the-fly flash encryption/decryption, high-speed and full-speed USB host and device
interface with crystal-less operation for full-speed, SD/MMC/SDIO interface, five general-purpose timers,
one SCTimer/PWM, one RTC/alarm timer, one 24-bit Multi-Rate Timer (MRT), a Windowed Watchdog Timer
(WWDT), nine flexible serial communication peripherals (which can be configured as a USART, SPI, high speed
SPI, I2C, or I2S interface), Programmable Logic Unit (PLU), one 16-bit 1.0 Msamples/sec ADC capable of
simultaneous conversions, comparator, and temperature sensor.
To support security requirements, the LPC55S2x also offers support for secure boot, HASH, AES, RSA, UUID,
dynamic encrypt and decrypt, debug authentication, and TBSA compliance.
2 Features and benefits
• ARM Cortex-M33 core (r0p3):
– Running at a frequency of up to 150 MHz.
– Memory Protection Unit (MPU).
– ARM Cortex M33 built-in Nested Vectored Interrupt Controller (NVIC).
– Non-maskable Interrupt (NMI) input with a selection of sources.
– Serial Wire Debug with eight breakpoints and four watch points. Includes Serial Wire Output for enhanced
debug capabilities.
– System tick timer.
– The configuration of this instance includes MPU, FPU, DSP, and ETM.
• CASPER Crypto co-processor is provided to enable hardware acceleration for various functions required for
certain asymmetric cryptographic algorithms, such as, Elliptic Curve Cryptography (ECC).
• On-chip memory:
– Up to 512 KB on-chip flash program memory with flash accelerator and 512 byte page erase and write.
– Up to 256 KB total SRAM consisting of 32 KB SRAM on Code Bus, 208 KB SRAM on System Bus (192 KB
is contiguous), and additional 16 KB USB SRAM on System Bus which can be used by the USB interface or
for general purpose use.
• PRINCE module for real-time encryption of data being written to on-chip flash and decryption of encrypted
flash data during read to allow asset protection, such as securing application code, and enabling secure flash
update.
• On-chip ROM bootloader supports:
– Booting of images from on-chip flash
– Supports CRC32 image integrity checking.
– Supports flash programming through In System Programming (ISP) commands over following interfaces:
USB0/1 interfaces using HID Class device, UART interface (Flexcomm 0) with auto baud, SPI slave
interfaces (Flexcomm 3 or 9) using mode 3 (CPOL = 1 and CPHA = 1), and I2C slave interface (Flexcomm
1)


Similar Part No. - LPC55S2X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC55S2X NXP-LPC55S2X Datasheet
4Mb / 126P
32-bit Arm Cortex짰-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 1.8-4 March 2020
LPC55S2X NXP-LPC55S2X Datasheet
3Mb / 132P
32-bit Arm Cortex짰-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 2.1-6 August 2021
LPC55S2X NXP-LPC55S2X Datasheet
3Mb / 140P
32-bit Arm Cortex®-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 2.2 - 8 December 2022
LPC55S2X NXP-LPC55S2X_V01 Datasheet
3Mb / 132P
32-bit Arm Cortex짰-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 2.1-6 August 2021
LPC55S2X NXP-LPC55S2X_V02 Datasheet
3Mb / 140P
32-bit Arm Cortex®-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 2.2 - 8 December 2022
More results

Similar Description - LPC55S2X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
32-bit ARM Cortex-M3 microcontroller;
logo
TALEMA Group. LLC
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
32-Bit ARM Cortex-M0 Microcontroller
logo
NXP Semiconductors
LPC84X NXP-LPC84X Datasheet
2Mb / 97P
32-bit Arm® Cortex®-M0 microcontroller;
Rev. 1.7-27 February 2018
logo
Nuvoton Technology Corp...
M2354 NUVOTON-M2354_V01 Datasheet
4Mb / 234P
NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev. 1.01
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
M480 NUVOTON-M480_V02 Datasheet
12Mb / 525P
NuMicro® Family Arm® 32-bit Cortex®-M4 Microcontroller
Rev 3.03
M254 NUVOTON-M254 Datasheet
8Mb / 256P
NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev 1.01 / Nov. 12, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com