Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S2X Datasheet(PDF) 66 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 62Page - NXP Semiconductors LPC55S2X Datasheet HTML 63Page - NXP Semiconductors LPC55S2X Datasheet HTML 64Page - NXP Semiconductors LPC55S2X Datasheet HTML 65Page - NXP Semiconductors LPC55S2X Datasheet HTML 66Page - NXP Semiconductors LPC55S2X Datasheet HTML 67Page - NXP Semiconductors LPC55S2X Datasheet HTML 68Page - NXP Semiconductors LPC55S2X Datasheet HTML 69Page - NXP Semiconductors LPC55S2X Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
• Any of the eight selected PLU outputs can be enabled to contribute to an asynchronous wake-up or an
interrupt request from sleep and deep-sleep modes.
7.26.3 CRC engine
The Cyclic Redundancy Check (CRC) generator with programmable polynomial settings supports several CRC
standards commonly used. To save system power and bus bandwidth, the CRC engine supports DMA transfers.
7.26.3.1 Features
• Supports three common polynomials CRC-CCITT, CRC-16, and CRC-32.
– CRC-CCITT
: x16 + x12 + x5 + 1
– CRC-16
: x16 + x15 + x2 + 1
– CRC-32
: x32 + x26 + x23 + x22 + x16 + x12 + x11 + x10 + x8 + x7 + x5 + x4 + x2 + x + 1
• Bit order reverse and 1’s complement programmable setting for input data and CRC sum.
• Programmable seed number setting.
• Supports CPU PIO or DMA back-to-back transfer.
• Accept any size of data width per write: 8, 16 or 32-bit.
– 8-bit write
: 1-cycle operation.
– 16-bit write
: 2-cycle operation (8-bit x 2-cycle).
– 32-bit write: 4-cycle operation (8-bit x 4-cycle).
7.27 Analog peripherals
7.27.1 16-bit Analog-to-Digital Converter (ADC)
The ADC supports a resolution of 16-bit and fast conversion rates of up to 1.0 Msamples/s. Sequences of
analog-to-digital conversions can be triggered by multiple sources.
7.27.1.1 Features
• 16-bit Linear successive approximation algorithm.
• Differential operation with 16-bit or 13-bit resolution.
• Single-ended operation with 16-bit or 12-bit resolution.
• Support for simultaneous conversions, on 2 ADC input channels belonging to a differential pair.
• Channel support for up to 10 analog input channels for conversion of external pin and from internal sources.
• Select external pin inputs paired for conversion as differential channel input.
• Measurement of on-chip analog sources such as DAC, temperature sensor or bandgap.
• Configurable analog input sample time.
• Configurable speed options to accommodate operation in low power modes of SoC.
• Trigger detect with up to 16 trigger sources with priority level configuration. Software or hardware trigger
option for each.
• Fifteen command buffers allow independent options selection and channel sequence scanning.
• Automatic compare for less-than, greater-than, within range, or out-of-range with "store on true" and "repeat
until true" options.
• Two independent result FIFOs each contains 16 entries. Each FIFO has configurable watermark and overflow
detection.
• Interrupt, DMA, or polled operation.
• Linearity and gain offset calibration logic.
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
66 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com