Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S2X Datasheet(PDF) 90 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 86Page - NXP Semiconductors LPC55S2X Datasheet HTML 87Page - NXP Semiconductors LPC55S2X Datasheet HTML 88Page - NXP Semiconductors LPC55S2X Datasheet HTML 89Page - NXP Semiconductors LPC55S2X Datasheet HTML 90Page - NXP Semiconductors LPC55S2X Datasheet HTML 91Page - NXP Semiconductors LPC55S2X Datasheet HTML 92Page - NXP Semiconductors LPC55S2X Datasheet HTML 93Page - NXP Semiconductors LPC55S2X Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
SCK (CPOL = 0)
MISO (CPHA = 1)
SSEL
MOSI (CPHA = 1)
Tcy(clk)
tDS
tDH
tv(Q)
DATA VALID (LSB)
DATA VALID
tv(Q)
SCK (CPOL = 1)
DATA VALID (LSB)
DATA VALID
MISO (CPHA = 0)
MOSI (CPHA = 0)
tDS
tDH
DATA VALID (MSB)
DATA VALID (MSB)
DATA VALID
DATA VALID (LSB)
DATA VALID (LSB)
tv(Q)
DATA VALID (MSB)
DATA VALID
tv(Q)
DATA VALID (MSB)
DATA VALID (MSB)
DATA VALID (MSB)
DATA VALID (MSB)
IDLE
IDLE
IDLE
IDLE
DATA VALID (MSB)
Figure 19. SPI slave timing
11.12 High-Speed SPI interface (Flexcomm Interface 8)
The actual SPI bit rate depends on the delays introduced by the external trace, the external device, system
clock (CCLK), and capacitive loading. Excluding delays introduced by external device and PCB, the maximum
supported bit rate for SPI master mode (transmit/receive) is 50 Mbit/s. Excluding delays introduced by external
device and PCB, the maximum supported bit rate for SPI slave receive mode is 50 Mbit/s and for SPI slave
transmit mode is 25 Mbit/s.
Tamb = -40 °C to 105 °C; VDD = 1.8 V to 3.6 V; CL = 10 pF balanced loading on all pins; Input slew = 1 ns, SLEW setting =
fast mode for all pins;. Parameters sampled at the 50% level of the rising or falling edge.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
SPI master
tDS
data set-up time
4
-
-
ns
tDH
data hold time
0
-
-
ns
tv(Q)
data output valid time
3
-
8
ns
SPI slave
tDS
data set-up time
4
-
-
ns
tDH
data hold time
0
-
-
ns
Table 36. SPI dynamic characteristics[1]
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
90 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com