Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S2X Datasheet(PDF) 32 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 28Page - NXP Semiconductors LPC55S2X Datasheet HTML 29Page - NXP Semiconductors LPC55S2X Datasheet HTML 30Page - NXP Semiconductors LPC55S2X Datasheet HTML 31Page - NXP Semiconductors LPC55S2X Datasheet HTML 32Page - NXP Semiconductors LPC55S2X Datasheet HTML 33Page - NXP Semiconductors LPC55S2X Datasheet HTML 34Page - NXP Semiconductors LPC55S2X Datasheet HTML 35Page - NXP Semiconductors LPC55S2X Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
Symbol
59 pin
VFBGA
64 pin
HTQFP
98 pin
VFBGA
100 pin
HLQFP
Reset
state
[1]
Type Function
#
Description
I/O 1
FC0_RTS_SCL_SSEL1
Flexcomm 0: USART request-to-send, I2C
clock, SPI slave select 1.
I/O 2
SD0_D[1
]
SD/MMC 0 data 1.
O
3
CTIMER2_MAT2
32-bit CTimer2 match output 2.
I
4
SCT0_GPI4
Pin input 4 to SCTimer/PWM.
I/O;
AI
0
PIO1_8/ADC0_4
General-purpose digital input/output pin.
ADC single ended input channel 4A - CH4A.
Can optionally be paired with CH4B as the
positive differential input on ADC1 channel
4.
I/O 1
FC0_CTS_SDA_SSEL0
Flexcomm 0: USART clear-to-send, I2C data
I/O, SPI Slave Select 0.
O
2
SD0_CLK
SD/MMC 0 card clock.
3
R
Reserved.
O
4
SCT0_OUT1
SCTimer/PWM output 1.
PIO1_8/
ADC0_4
-
-
A6
24
[2]
Z
I/O 5
FC4_SSEL2
Flexcomm 4: SPI slave select 2.
I/O;
AI
0
PIO1_9/ADC0_12
General-purpose digital input/output pin.
ADC single ended input channel 4B - CH4B.
Can optionally be paired with CH4A as the
negative differential input on ADC1 channel
4.
1
R
Reserved.
I/O 2
FC1_SCK
Flexcomm 1: USART, SPI, or I2S clock.
I
3
CTIMER_INP4
Capture input to CTIMER input multiplexers.
O
4
SCT0_OUT2
SCTimer/PWM output 2.
PIO1_9/
ADC0_12
-
-
C1
10
[2]
Z
I/O 5
FC4_CTS_SDA_SSEL0
Flexcomm 4: USART clear-to-send, I2C data
I/O, SPI Slave Select 0.
Table 3. Pin description...continued
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
32 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com