Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S2X Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 4 Page - NXP Semiconductors

  LPC55S2X Datasheet HTML 1Page - NXP Semiconductors LPC55S2X Datasheet HTML 2Page - NXP Semiconductors LPC55S2X Datasheet HTML 3Page - NXP Semiconductors LPC55S2X Datasheet HTML 4Page - NXP Semiconductors LPC55S2X Datasheet HTML 5Page - NXP Semiconductors LPC55S2X Datasheet HTML 6Page - NXP Semiconductors LPC55S2X Datasheet HTML 7Page - NXP Semiconductors LPC55S2X Datasheet HTML 8Page - NXP Semiconductors LPC55S2X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
– Each crystal oscillator has one embedded capacitor bank which can be used as an integrated load
capacitor. Using APIs, the capacitor banks on each crystal pin can tune the frequency for crystals with a
Capacitive Load (CL) which conserves board space and reduces costs.
• Power-saving modes and wake-up:
– Integrated PMU (Power Management Unit) to minimize power consumption.
– Reduced power modes: Sleep, deep-sleep with RAM retention, power-down with RAM retention and CPU
retention, and deep power-down with RAM retention.
– Configurable wake-up options from peripherals interrupts.
– The Micro-Tick Timer running from the watchdog oscillator, and the Real-Time Clock (RTC) running from the
32.768 kHz clock, can be used to wake-up the device from sleep and deep-sleep modes.
– Power-On Reset (POR, around 0.8 V).
– Brown-Out Detectors (BOD) for VBAT_DCDC for forced reset or interrupt.
• Operating from internal DC-DC converter.
• Single power supply 1.8 V to 3.6 V.
• JTAG boundary scan supported.
• Operating temperature range -40 °C to +105 °C.
• Available in HLQFP100, HTQFP64, VFBGA98, and VFBGA59 packages.
3 Ordering information
Package
Type number
Name
Description
Version
LPC55S28JBD100 HLQFP100 plastic low profile quad flat package; 100 leads; body 14 × 14 × 0.5mm pitch SOT1570-3
LPC55S26JBD100 HLQFP100 plastic low profile quad flat package; 100 leads; body 14 × 14 × 0.5mm pitch SOT1570-3
LPC55S28JEV98 VFBGA98 thin fine-pitch ball grid array package; 98 balls; body 7‘ 7‘ 0.5 mm
SOT1982-1
LPC55S26JEV98 VFBGA98 thin fine-pitch ball grid array package; 98 balls; body 7‘ 7‘ 0.5 mm
SOT1982-1
LPC55S28JBD64 HTQFP64 thin fine-pitch ball grid array package; 64 leads; body 10 × 10 × 0.5mm pitch SOT855-5
LPC55S26JBD64 HTQFP64 thin fine-pitch ball grid array package; 64 leads; body 10 × 10 × 0.5mm pitch SOT855-5
LPC5528JBD100
HLQFP100 plastic low profile quad flat package; 100 leads; body 14 × 14 × 0.5mm pitch SOT1570-3
LPC5526JBD100
HLQFP100 plastic low profile quad flat package; 100 leads; body 14 × 14 × 0.5mm pitch SOT1570-3
LPC5528JEV98
VFBGA98 thin fine-pitch ball grid array package; 98 balls; body 7‘ 7‘ 0.5 mm
SOT1982-1
LPC5526JEV98
VFBGA98 thin fine-pitch ball grid array package; 98 balls; body 7‘ 7‘ 0.5 mm
SOT1982-1
LPC5528JBD64
HTQFP64 plastic low profile quad flat package; 64 leads; body 10 x10 x 0.5mm pitch
SOT855-5
LPC5526JBD64
HTQFP64 plastic low profile quad flat package; 64 leads; body 10 x10 x 0.5mm pitch
SOT855-5
LPC55S28JEV59 VFBGA59 thin fine-pitch ball grid array package; 59 balls; body 4 x 4 x 0.4 mm pitch
SOT2162-1
LPC5528JEV59
VFBGA59 thin fine-pitch ball grid array package; 59 balls; body 4 x 4 x 0.4 mm pitch
SOT2162-1
Table 1. Ordering information
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
4 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com