Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC55S2X Datasheet(PDF) 56 Page - NXP Semiconductors

Part # LPC55S2X
Description  32-bit Arm Cortex®-M33 microcontroller
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S2X Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button LPC55S2X Datasheet HTML 52Page - NXP Semiconductors LPC55S2X Datasheet HTML 53Page - NXP Semiconductors LPC55S2X Datasheet HTML 54Page - NXP Semiconductors LPC55S2X Datasheet HTML 55Page - NXP Semiconductors LPC55S2X Datasheet HTML 56Page - NXP Semiconductors LPC55S2X Datasheet HTML 57Page - NXP Semiconductors LPC55S2X Datasheet HTML 58Page - NXP Semiconductors LPC55S2X Datasheet HTML 59Page - NXP Semiconductors LPC55S2X Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 132 page
background image
NXP Semiconductors
LPC55S2x/LPC552x
32-bit Arm Cortex®-M33 microcontroller
7.20.4 Deep power-down mode
In deep power-down mode, power is shut off to the entire chip except for the RTC power domain, the RESET
pin, 4 Wake-up pins, and the OT Timer if enabled. Clock sources such as FRO 32 KHz, and the 32.768 kHz
RTC clock can be enabled or disabled via software. The LPC55S2x/LPC552x can wake up from deep power-
down mode via the RESET pin, the RTC alarm, four special wake-up pins, or without an external signal, by
using the time-out of the OS Timer. The ALARM1HZ flag in RTC control register generates an RTC wake-up
interrupt request, which can wake up the part. SRAM can maintain their internal states. All SRAM instances that
are not configured to enter in ‘retention state’ will stay in active state. In deep power-down mode all functional
pins are in tri-state.
7.21 General Purpose I/O (GPIO)
The LPC55S2x/LPC552x provide GPIO ports 0 and 1 with a total of 64 GPIO pins.
Device pins that are not connected to a specific peripheral function are controlled by the GPIO registers. Pins
may be dynamically configured as inputs or outputs. Separate registers allow setting or clearing any number of
outputs simultaneously. The current level of a port pin can be read back no matter what peripheral is selected
for that pin.
See Table 3 for the default state on reset.
7.21.1 Features
• Accelerated GPIO functions:
– GPIO registers are located on the AHB so that the fastest possible I/O timing can be achieved.
– Mask registers allow treating sets of port bits as a group, leaving other bits unchanged.
– All GPIO registers are byte and half-word addressable.
– Entire port value can be written in one instruction.
• Bit-level set, clear, and toggle registers allow a single instruction set, clear or toggle of any number of bits in
one port.
• Direction control of individual bits.
• All I/O default to inputs after reset.
• All GPIO pins can be selected to create an edge or level-sensitive GPIO interrupt request.
• Two GPIO group interrupts can be triggered by a combination of any pin or pins to reflect two distinct interrupt
patterns.
• The grouped interrupts can wake up the part from sleep, deep-sleep, and power-down modes.
7.22 Pin interrupt/pattern engine
The pin interrupt block configures up to eight pins from all digital pins for providing eight external interrupts
connected to the NVIC. The pattern match engine can be used in conjunction with software to create complex
state machines based on pin inputs. Any digital pin, independent of the function selected through the switch
matrix can be configured through the SYSCON block as an input to the pin interrupt or pattern match engine.
The registers that control the pin interrupt or pattern match engine are located on the I/O+ bus for fast single-
cycle access.
7.22.1 Features
• Pin interrupts:
– Up to eight pins can be selected from all GPIO pins on ports 0 and 1 as edge-sensitive or level-sensitive
interrupt requests. Each request creates a separate interrupt in the NVIC.
– Edge-sensitive interrupt pins can interrupt on rising or falling edges or both.
LPC55S2X_LPC552X
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Data sheet
Rev. 2.3 — 29 August 2024
Document feedback
56 / 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com